Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSPB30K-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # CSPB30K-HF
Description  SuperPlanarTM Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CSPB30K-HF Datasheet(HTML) 3 Page - Comchip Technology

  CSPB30K-HF Datasheet HTML 1Page - Comchip Technology CSPB30K-HF Datasheet HTML 2Page - Comchip Technology CSPB30K-HF Datasheet HTML 3Page - Comchip Technology CSPB30K-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
D1
D2
D
W1
Reel Taping Specification
Trailer
Device
Leader
200mm (min)
160mm (min)
.......
.......
.......
.......
.......
.......
.......
.......
End
Start
Direction of Feed
TM
SuperPlanar
Bridge Rectifiers
Comchip Technology CO., LTD.
Page 3
QW-JBR12
SPB
B
C
d
D
D2
SYMBOL
(mm)
(inch)
16.00 ± 0.05
4.00 ± 0.05
2.00 ± 0.05
SYMBOL
(mm)
(inch)
0.630 ± 0.002
0.157 ± 0.002
0.079 ± 0.002
E
F
P
P0
P1
W
W1
1.75 ± 0.10
0.069 ± 0.004
7.50 ± 0.05
0.295 ± 0.002
11.30 ± 0.10
0.445 ± 0.004
9.00 ± 0.10
0.354 ± 0.004
1.80 ± 0.10
0.071 ± 0.004
A
330.00 ± 1.00
3.937 ± 0.039
12.992 ± 0.039
13.30 ± 0.20
0.524 ± 0.008
16.00 ± 0.10
0.630 ± 0.004
1.50 ± 0.10
0.059 ± 0.004
0.30 ± 0.05
0.012 ± 0.002
100.00 ± 1.00
SPB
T
C
P
A
d
W
P1
P0
B
E
F
REV:B
20.40 + 3.00
− 1.00
0.803 + 0.118
− 0.039



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com