Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSPB40M-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CSPB40M-HF
Description  SuperPlanarTM Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CSPB40M-HF Datasheet(HTML) 2 Page - Comchip Technology

  CSPB40M-HF Datasheet HTML 1Page - Comchip Technology CSPB40M-HF Datasheet HTML 2Page - Comchip Technology CSPB40M-HF Datasheet HTML 3Page - Comchip Technology CSPB40M-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TM
SuperPlanar
Bridge Rectifiers
Electrical Characteristics (at Ta=25 °C unless otherwise specified)
Parameter
Symbol
Units
Test conditions
Typ.
Max.
V
VF
Max. instantaneous forward voltage
1.15
μA
IR
@TA=25°C
@TA=125°C
10
300
Max. reverse current
Rated VR, Per diode
IF = 4A Per diode
Comchip Technology CO., LTD.
Page 2
Typical Rating and Characteristic Curves (CSPB40M-HF)
Fig.2 - Surge Current Derating Curve
Number of Cycles at 60Hz
Fig.4 - Typical Reverse Characteristic
Reverse Voltage, VR (%)
Fig.1 - Forward Current Derating Curve
Lead Temperature, (°C)
Forward Voltage, VF (V)
0
25
150
50
100
0
1
3
0.7
0.9
0.1
1
10
1
10
100
90
10
100
0.01
1
10
Fig.3 - Typical Forward Voltage
Characteristic
2
1.1
75
125
150
0.5
0.8
1.0
70
20
30
50
40
60
80
90
30
0
4
Tj=125°C
Tj=75°C
Tj=25°C
120
60
QW-JBR15
0.6
0.1
REV:B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com