Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH08T230WAS Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PTH08T230WAS
Description  6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH08T230WAS Datasheet(HTML) 2 Page - Texas Instruments

  PTH08T230WAS Datasheet HTML 1Page - Texas Instruments PTH08T230WAS Datasheet HTML 2Page - Texas Instruments PTH08T230WAS Datasheet HTML 3Page - Texas Instruments PTH08T230WAS Datasheet HTML 4Page - Texas Instruments PTH08T230WAS Datasheet HTML 5Page - Texas Instruments PTH08T230WAS Datasheet HTML 6Page - Texas Instruments PTH08T230WAS Datasheet HTML 7Page - Texas Instruments PTH08T230WAS Datasheet HTML 8Page - Texas Instruments PTH08T230WAS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
www.ti.com
PTH08T230W
2
4
8
+
7
Track
GND
TT
3
GND
GND
+Sense
5
L
O
A
D
−Sense
+
10
Inhibit
INH/UVLO
Auto−Track
9
6
−Sense
+Sense
SYNC
1
SmartSync
TurboTrans
™
RTT
1%
0.05 W
(Optional)
VO
CO2
100
µF
(Required)
CO1
200
µF
Ceramic
(Required)
RSET
1%
0.05 W
(Required)
VI
VOAdj
VI
CI
330
µF
(Required)
(Notes B and C)
VO
[D]
PTH08T231W
2
Vi
4
8
CI
300 uF
(Required)
7
VI
Track
GND
VoAdj
Vo
TT
3
GND
GND
RTT
1%
0.05W
(Optional)
+Sense
5
L
O
A
D
−Sense
10
Inhibit
INH/UVLO
Auto−Track
9
6
−Sense
+Sense
Vo
SYNC
1
SmartSync
CO
200
µF
Ceramic
(Required)
TurboTrans
™
RSET
1%
0.05 W
(Required)
(Note A)
[B]
PTH08T230W, PTH08T231W
SLTS265F – NOVEMBER 2005 – REVISED MAY 2007
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
PTH08T230W
A.
RSET required to set the output voltage to a value higher than 0.69 V. See the Electrical Characteristics table.
B.
An additional 22-
µF ceramic input capacitor is recommended to reduce RMS ripple current.
C.
For VI greater than 8 V, the minimum required CI may be reduced to 220 µF plus a 22-µF ceramic capacitor.
D.
200
µF of output capacitance can be achieved by using two 100-µF ceramic capacitors or four 47-µF ceramic
capacitors.
PTH08T231W - Ceramic Capacitor Version
A.
RSET required to set the output voltage to a value higher than 0.69 V. See the Electrical Characteristics table.
B.
200
µF of output capacitance can be achieved by using two 100-µF ceramic capacitors or four 47-µF ceramic
capacitors.
2
Submit Documentation Feedback
Copyright © 2005–2007, Texas Instruments Incorporated
Product Folder Link(s): PTH08T230W PTH08T231W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com