Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS73219DBVR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73219DBVR
Description  Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73219DBVR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS73219DBVR Datasheet HTML 9Page - Texas Instruments TPS73219DBVR Datasheet HTML 10Page - Texas Instruments TPS73219DBVR Datasheet HTML 11Page - Texas Instruments TPS73219DBVR Datasheet HTML 12Page - Texas Instruments TPS73219DBVR Datasheet HTML 13Page - Texas Instruments TPS73219DBVR Datasheet HTML 14Page - Texas Instruments TPS73219DBVR Datasheet HTML 15Page - Texas Instruments TPS73219DBVR Datasheet HTML 16Page - Texas Instruments TPS73219DBVR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
www.ti.com
dV dt +
V
OUT
C
OUT
80kW ø RLOAD
(4)
dV dt +
V
OUT
C
OUT
80kW ø (R1 ) R2) ø RLOAD
(5)
POWER DISSIPATION
REVERSE CURRENT
P
D
+ (VIN * VOUT)
I
OUT
(6)
THERMAL PROTECTION
Package Mounting
TPS732xx
SBVS037L – AUGUST 2003 – REVISED AUGUST 2007
The TPS732xx does not have active pull-down when
Any tendency to activate the thermal protection circuit
the output is over-voltage. This allows applications
indicates
excessive
power
dissipation
or
an
that
connect
higher
voltage
sources,
such
as
inadequate heatsink. For reliable operation, junction
alternate power supplies, to the output. This also
temperature should be limited to +125
°C maximum.
results in an output overshoot of several percent if the
To estimate the margin of safety in a complete design
load current quickly drops to zero when a capacitor is
(including
heatsink),
increase
the
ambient
connected to the output. The duration of overshoot
temperature until the thermal protection is triggered;
can be reduced by adding a load resistor. The
use worst-case loads and signal conditions. For good
overshoot decays at a rate determined by output
reliability, thermal protection should trigger at least
capacitor
COUT
and
the
internal/external
load
+35
°C above the maximum expected ambient
resistance. The rate of decay is given by:
condition
of
your
application.
This
produces
a
worst-case junction temperature of +125
°C at the
(Fixed voltage version)
highest
expected
ambient
temperature
and
worst-case load.
The internal protection circuitry of the TPS732xx has
been designed to protect against overload conditions.
(Adjustable voltage version)
It was not intended to replace proper heatsinking.
Continuously running the TPS732xx into thermal
shutdown will degrade device reliability.
The ability to remove heat from the die is different for
The NMOS pass element of the TPS732xx provides
each
package
type,
presenting
different
inherent protection against current flow from the
considerations in the PCB layout. The PCB area
output of the regulator to the input when the gate of
around the device that is free of other components
the pass device is pulled low. To ensure that all
moves the heat from the device to the ambient air.
charge is removed from the gate of the pass element,
Performance data for JEDEC low- and high-K boards
the enable pin must be driven low before the input
are shown in the Power Dissipation Ratings table.
voltage is removed. If this is not done, the pass
Using heavier copper will increase the effectiveness
element may be left on due to stored charge on the
in removing heat from the device. The addition of
gate.
plated through-holes to heat-dissipating layers will
also improve the heat-sink effectiveness.
After the enable pin is driven low, no bias voltage is
needed on any pin for reverse current blocking. Note
Power dissipation depends on input voltage and load
that reverse current is specified as the current flowing
conditions. Power dissipation (PD) is equal to the
out of the IN pin due to voltage applied on the OUT
product of the output current times the voltage drop
pin. There will be additional current flowing into the
across the output pass element (VIN to VOUT):
OUT pin due to the 80k
Ω internal resistor divider to
ground (see Figure 1 and Figure 2).
For the TPS73201, reverse current may flow when
Power dissipation can be minimized by using the
VFB is more than 1.0V above VIN.
lowest possible input voltage necessary to assure the
required output voltage.
Thermal protection disables the output when the
junction temperature rises to approximately +160
°C,
Solder
pad
footprint
recommendations
for
the
allowing the device to cool. When the junction
TPS732xx are presented in Application Bulletin
temperature cools to approximately +140
°C, the
Solder Pad Recommendations for Surface-Mount
output circuitry is again enabled. Depending on power
Devices
(SBFA015),
available
from
the
Texas
dissipation,
thermal
resistance,
and
ambient
Instruments web site at www.ti.com.
temperature, the thermal protection circuit may cycle
on and off. This limits the dissipation of the regulator,
protecting it from damage due to overheating.
Copyright © 2003–2007, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TPS732xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com