Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4617EB Datasheet(PDF) 1 Page - Rohm

Part # 2SC4617EB
Description  General purpose small signal amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SC4617EB Datasheet(HTML) 1 Page - Rohm

  2SC4617EB Datasheet HTML 1Page - Rohm 2SC4617EB Datasheet HTML 2Page - Rohm 2SC4617EB Datasheet HTML 3Page - Rohm 2SC4617EB Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC4617EB
Transistors
1/3
General purpose small signal amplifier
(50V, 0.15A)
2SC4617EB
Features
1) Excellent hFE linearity.
2) Complements the 2SA1774EB.
Structure
NPN silicon epitaxial
planar transistor
Dimensions (Unit : mm)
(1) Base
(2) Emitter
(3) Collector
Each lead has same dimensions
1.6
0.26
0.5 0.5
1.0
(1)
(2)
(3)
0.7
0.13
EMT3F
Abbreviated symbol : B
Absolute maximum (Ta=25
°C)
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Power dissipation
Junction temperature
Range of storage temperature
Parameter
VCBO
VCEO
VEBO
PD
Tj
Tstg
60
V
V
V
mA
mW
°C
°C
50
7
150
IC
ICP
200
150
150
−55 to +150
Symbol
Limits
Unit
∗1
∗1 Pw=1ms Single pulse
∗2 Each terminal mounted on a recommended land
∗2


Similar Part No. - 2SC4617EB

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4617EB ROHM-2SC4617EB Datasheet
170Kb / 4P
General purpose small signal amplifier (50V, 0.15A)
2SC4617EB ROHM-2SC4617EB Datasheet
2Mb / 15P
General purpose small signal amplifier
2SC4617EB ROHM-2SC4617EB Datasheet
3Mb / 15P
General purpose small signal amplifier (50V,150mA)
20240920 - Rev.007
2SC4617EB ROHM-2SC4617EB_09 Datasheet
170Kb / 4P
General purpose small signal amplifier (50V, 0.15A)
More results

Similar Description - 2SC4617EB

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MPS2924 FAIRCHILD-MPS2924 Datasheet
41Kb / 1P
NPN Small Signal General Purpose Amplifier
logo
AUK corp
2SC5343S AUK-2SC5343S Datasheet
214Kb / 4P
General small signal amplifier (General small signal amplifier)
logo
Rohm
2SC4081UB ROHM-2SC4081UB Datasheet
82Kb / 4P
General purpose small signal amplifier
2SA1576UB ROHM-2SA1576UB_09 Datasheet
164Kb / 3P
General purpose small signal amplifier
2SA1576UB ROHM-2SA1576UB_10 Datasheet
143Kb / 3P
General purpose small signal amplifier (50V, 0.15A)
logo
New Jersey Semi-Conduct...
2N3691 NJSEMI-2N3691 Datasheet
129Kb / 1P
NPN SMALL SIGNAL GENERAL PURPOSE AMPLIFIER
logo
Rohm
2SC5658 ROHM-2SC5658 Datasheet
2Mb / 15P
General purpose small signal amplifier
2SC4081U3HZG ROHM-2SC4081U3HZG Datasheet
1Mb / 10P
General purpose small signal amplifier(50V, 150mA)
2SC4081FRA ROHM-2SC4081FRA Datasheet
1Mb / 9P
General purpose small signal amplifier(50V, 150mA)
20151009 - Rev.001
BC847B ROHM-BC847B_V01 Datasheet
1Mb / 10P
General purpose small signal amplifier
20190128 - Rev.003
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com