Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP100N20MP Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP100N20MP
Description  200V N-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP100N20MP Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP100N20MP Datasheet HTML 1Page - A POWER MICROELECTRONICS AP100N20MP Datasheet HTML 2Page - A POWER MICROELECTRONICS AP100N20MP Datasheet HTML 3Page - A POWER MICROELECTRONICS AP100N20MP Datasheet HTML 4Page - A POWER MICROELECTRONICS AP100N20MP Datasheet HTML 5Page - A POWER MICROELECTRONICS AP100N20MP Datasheet HTML 6Page - A POWER MICROELECTRONICS AP100N20MP Datasheet HTML 7Page - A POWER MICROELECTRONICS AP100N20MP Datasheet HTML 8Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AP100N20MP
200V N-Channel Enhancement Mode MOSFET
AP100N20MP RVE1.0
永源微電子科技有限公司
Electrical Characteristics@Tj=25oC(unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max. Units
VDSS
Drain to Source Breakdown Voltage
VGS=0V, ID=250µA
200
220
--
V
IDSS
Drain to Source Leakage Current
VDS=200V, VGS=0V,Ta=25℃
--
--
1.0
µA
VDS=200V, VGS=0V,Ta=125℃
--
--
100
µA
IGSS(F)
Gate to Source Forward Leakage
VGS=+20V
--
--
100
nA
IGSS(R)
Gate to Source Reverse Leakage
VGS=-20V
--
--
-100
nA
RDS(ON)
Drain-to-Source On-Resistance
VGS=10V, ID=40A
--
17
20
mΩ
VGS(TH)
Gate Threshold Voltage
VDS=VGS, ID=250µA
3.6
4.5
5.0
V
gfs
Forward Trans conductance
VDS=25V, ID=40A
50
65
--
S
Rg
Gate Resistance
VGS=0V VDS open f=1.0MHz
1.3
Ω
Ciss
Input Capacitance
VGS=0V VDS=25V f=1.0MHz
--
7500
--
pF
Coss
Output Capacitance
--
500
--
pF
Crss
Reverse Transfer Capacitance
--
210
--
pF
td(ON)
Turn-on Delay Time
ID=40A, VDS=50V
VGS=10V, Rg=2.5Ω
--
45
--
ns
tr
Rise Time
--
70
--
ns
td(OFF)
Turn-Off Delay Time
--
110
--
ns
tf
Fall Time
--
90
--
ns
Qg
Total Gate Charge
ID=40A, VDD=100V
VGS=10V
--
85
--
nC
Qgs
Gate to Source Charge
--
15
--
nC
Qgd
Gate to Drain (“Miller”) Charge
--
25
--
nC
ISD
Continuous Source Current (Body Diode)
--
--
75
A
ISM
Maximum Pulsed Current (Body Diode)
--
--
300
A
VSD
Diode Forward Voltage
IS=40A, VGS=0V
--
--
1.2
V
trr
Reverse Recovery Time
IS=30A,Tj=25℃,VDD=50V
dIF/dt=100A/μs, VGS=0V
--
110
--
ns
Qrr
Reverse Recovery Charge
--
0.55
--
uC
Note :
1、The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width
≦ 300us , duty cycle ≦ 2%
3、The EAS data shows Max. rating . The test condition is TJ = 25°C, L=0.3mH, RG=25Ω, VDD=50V,VGS=10V
4、The ISD=40A,di/dt≤100A/us, VDD≤BVDS, Start TJ=25
℃
5、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com