Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP100P01D Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP100P01D
Description  -15V P-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP100P01D Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP100P01D Datasheet HTML 1Page - A POWER MICROELECTRONICS AP100P01D Datasheet HTML 2Page - A POWER MICROELECTRONICS AP100P01D Datasheet HTML 3Page - A POWER MICROELECTRONICS AP100P01D Datasheet HTML 4Page - A POWER MICROELECTRONICS AP100P01D Datasheet HTML 5Page - A POWER MICROELECTRONICS AP100P01D Datasheet HTML 6Page - A POWER MICROELECTRONICS AP100P01D Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP100P01D
-15V P-Channel Enhancement Mode MOSFET
AP100P01D Rve1.0
臺灣永源微電子科技有限公司
Description
The AP100P01D uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a
Battery protection or in other Switching application.
General Features
VDS = -15V
ID =-100 A
RDS(ON) < 3.5m
Ω @ VGS=10V
Application
Battery protection
Load switch
Uninterruptible power supply
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP100P01D
AP100P01D XXX YYYY
2500
Absolute Maximum Ratings (TA=25℃ unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-15
V
VGS
Gate-Source Voltage
±12
V
ID
Drain Current
– Continuous (TC=25℃)
-100
A
Drain Current
– Continuous (TC=100℃)
-54
A
IDM
Drain Current
– Pulsed1
-360
A
PD
Power Dissipation (TC=25℃)
41.67
W
Power Dissipation
– Derate above 25℃
0.33
W/℃
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction to ambient
62
℃/W
RθJC
Thermal Resistance Junction to Case
3
℃/W
TO-252-3L


Similar Part No. - AP100P01D

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP100P02D APME-AP100P02D Datasheet
1Mb / 7P
-20V P-Channel Enhancement Mode MOSFET
AP100P02NF APME-AP100P02NF Datasheet
610Kb / 7P
-20V P-Channel Enhancement Mode MOSFET
REV1.0
AP100P03D APME-AP100P03D Datasheet
1Mb / 7P
-30V P-Channel Enhancement Mode MOSFET
AP100P03P APME-AP100P03P Datasheet
1Mb / 8P
-30V P-Channel Enhancement Mode MOSFET
REV1.0
AP100P03PT APME-AP100P03PT Datasheet
1Mb / 8P
-30V P-Channel Enhancement Mode MOSFET
REV1.0
More results

Similar Description - AP100P01D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2305 SYNC-POWER-SPP2305 Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2301A STANSON-ST2301A Datasheet
221Kb / 6P
P Channel Enhancement Mode MOSFET
ST2305A STANSON-ST2305A Datasheet
147Kb / 6P
P Channel Enhancement Mode MOSFET
ST3401 STANSON-ST3401 Datasheet
200Kb / 6P
P Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPP2319 SYNC-POWER-SPP2319 Datasheet
210Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3401B SYNC-POWER-SPP3401B Datasheet
204Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3407B SYNC-POWER-SPP3407B Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com