Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP100P02NF Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP100P02NF
Description  -20V P-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP100P02NF Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP100P02NF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP100P02NF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP100P02NF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP100P02NF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP100P02NF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP100P02NF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP100P02NF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP100P02NF
-20V P-Channel Enhancement Mode MOSFET
AP100P02NF REV1.0
永源微電子科技有限公司
Electrical Characteristics (TJ=25℃, unless otherwise noted)
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
V(BR)DSS
Drain-Source Breakdown Voltage
VGS=0V, ID= -250μA
-20
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS= -20V, VGS=0V,
-
-
-1
μA
IGSS
Gate to Body Leakage Current
VDS=0V, VGS= ±12V
-
-
±100
nA
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID= -250μA
-0.4
0.6
-1.0
V
RDS(on)
Static Drain-Source on-Resistance
VGS= -4.5V, ID= -30A
-
2.1
2.7
mΩ
RDS(on)
Static Drain-Source on-Resistance
VGS= -2.5V, ID= -20A
-
2.7
3.8
RDS(on)
Static Drain-Source on-Resistance
VGS= -1.8V, ID= -15A
-
3.8
5.7
Ciss
Input Capacitance
VDS= -10V, VGS=0V,
f=1.0MHz
-
15
-
nF
Coss
Output Capacitance
-
1600
-
pF
Crss
Reverse Transfer Capacitance
-
1068
-
pF
Qg
Total Gate Charge
VDS= -10V, ID= -20A,
VGS= -4.5V
-
100
-
nC
Qgs
Gate-Source Charge
-
21
-
nC
Qgd
Gate-Drain(“Miller”) Charge
-
32
-
nC
td(on)
Turn-on Delay Time
VDD = -10V, RL=0.5Ω,
VGS= -4.5V, RGEN=3Ω
-
20
-
ns
tr
Turn-on Rise Time
-
50
-
ns
td(off)
Turn-off Delay Time
-
100
-
ns
tf
Turn-off Fall Time
-
40
-
ns
IS
Maximum Continuous Drain to Source Diode Forward Current
-
-
-10
A
ISM
Maximum Pulsed Drain to Source Diode Forward Current
-
-
-340
A
VSD
Drain to Source Diode Forward Voltage
VGS=0V, IS= -30A
-
-0.8
-1.2
V
Note :
1、The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%
3、The EAS data shows Max. rating . The test condition is VDD=-16V,VGS=-4.5V,L=0.1mH,IAS=-50A
4、The power dissipation is limited by 150℃ junction temperature
5、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com