Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS941BID Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS941BID
Description  Output rail-to-rail micropower operational amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS941BID Datasheet(HTML) 5 Page - STMicroelectronics

  TS941BID Datasheet HTML 1Page - STMicroelectronics TS941BID Datasheet HTML 2Page - STMicroelectronics TS941BID Datasheet HTML 3Page - STMicroelectronics TS941BID Datasheet HTML 4Page - STMicroelectronics TS941BID Datasheet HTML 5Page - STMicroelectronics TS941BID Datasheet HTML 6Page - STMicroelectronics TS941BID Datasheet HTML 7Page - STMicroelectronics TS941BID Datasheet HTML 8Page - STMicroelectronics TS941BID Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
TS941 TS942 TS944
Electrical characteristics
5/19
Table 4.
VCC = +3V, VDD = 0V, RL connected to VCC/2,Tamb = 25°C (unless
otherwise specified) (1)
1.
All electrical values are guaranteed with correlation measurements at 2.5 V and 5 V.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input offset voltage
TS941/2/4
TS941/2/4A
TS941/2/4B
10
5
2
mV
ΔVio
Input offset voltage drift
7
µV/°C
Iio
Input offset current (2)
2.
Maximum values include unavoidable inaccuracies of the industrial tests.
1
100
pA
Iib
Input bias current (2)
1
150
pA
CMR
Common mode rejection ratio
60
85
dB
SVR
Supply voltage rejection ratio
50
85
dB
Avd
Large signal voltage gain
VO = 2Vpp,RL = 1MΩ
100
dB
VOH
High level output voltage
VID = 100mV, RL = 1MΩ
RL = 10kΩ
2.9
2.8
2.99
2.85
V
VOL
Low level output voltage
VID = -100mV, RL = 1MΩ
RL = 10kΩ
1
100
5
200
mV
Io
Output source current
VID = 100mV, VO = VDD
Output sink current
VID = -100mV, VO = VCC
680
650
1500
1300
µA
ICC
Supply current (per amplifier), AVCL = 1, no load
1.2
1.8
µA
GBP
Gain bandwidth product, RL = 1MΩ, CL = 50pF
10
kHz
SR
Slew rate, RL = 1MΩ, CL = 50pF
3
4.5
V/ms
φm
Phase margin, CL = 50pF
65
Degrees



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com