Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP100P08P Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP100P08P
Description  -80V P-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP100P08P Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP100P08P Datasheet HTML 1Page - A POWER MICROELECTRONICS AP100P08P Datasheet HTML 2Page - A POWER MICROELECTRONICS AP100P08P Datasheet HTML 3Page - A POWER MICROELECTRONICS AP100P08P Datasheet HTML 4Page - A POWER MICROELECTRONICS AP100P08P Datasheet HTML 5Page - A POWER MICROELECTRONICS AP100P08P Datasheet HTML 6Page - A POWER MICROELECTRONICS AP100P08P Datasheet HTML 7Page - A POWER MICROELECTRONICS AP100P08P Datasheet HTML 8Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AP100P08PIT
-80V P-Channel Enhancement Mode MOSFET
AP100P08P/T REV 1.0
永源微電子科技有限公司
Description
The AP100P08P/T uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 6V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = -80V ID =-100A
RDS(ON) < -15mΩ @ VGS=-10V (Type:12mΩ)
Application
Lithium battery protection
Wireless impact
Mobile phone fast charging
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP100P08P
TO-220-3L
AP100P08P XXX YYYY
1000
AP100P08T
TO-263-3L
AP100P08T XXX YYYY
800
Absolute Maximum Ratings (TC=25
℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-80
V
VGS
Gate-Source Voltage
±
20
V
ID@TC=25℃
Continuous Drain Current, -VGS @ -10V1
-100
A
ID@TC=100℃
Continuous Drain Current, -VGS @ -10V1
-65
A
IDM
Pulsed Drain Current2
-300
A
EAS
Single Pulse Avalanche Energy3
650
mJ
IAS
Avalanche Current
80
A
PD@TC=25℃
Total Power Dissipation4
142
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-Ambient 1
0.88
℃
/W
RθJC
Thermal Resistance Junction-Case1
60
℃
/W


Similar Part No. - AP100P08P

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP100P08D APME-AP100P08D Datasheet
1Mb / 7P
-80V P-Channel Enhancement Mode MOSFET
REV 1.0
AP100P08NF APME-AP100P08NF Datasheet
1Mb / 7P
-80V P-Channel Enhancement Mode MOSFET
REV 1.0
More results

Similar Description - AP100P08P

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTB110P08KN3 CYSTEKEC-MTB110P08KN3 Datasheet
468Kb / 9P
-80V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMT8012LK3 DIODES-DMT8012LK3 Datasheet
605Kb / 7P
80V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
Cystech Electonics Corp...
MTB110P08KN6 CYSTEKEC-MTB110P08KN6 Datasheet
514Kb / 8P
-80V P-Channel Enhancement Mode Power MOSFET
logo
Diodes Incorporated
DMT8012LSS DIODES-DMT8012LSS Datasheet
538Kb / 7P
80V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMT8012LK3 DIODES-DMT8012LK3_17 Datasheet
508Kb / 7P
80V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
logo
Pan Jit International I...
PJU60N08 PANJIT-PJU60N08 Datasheet
333Kb / 8P
80V N-Channel Enhancement Mode MOSFET
January 16,2017-REV.00
PSMB032N08NS1 PANJIT-PSMB032N08NS1 Datasheet
672Kb / 7P
80V N-Channel Enhancement Mode MOSFET
April 6,2022 PSMB032N08NS1-REV.00
PSMP055N08NS1 PANJIT-PSMP055N08NS1 Datasheet
575Kb / 7P
80V N-Channel Enhancement Mode MOSFET
April 6,2022 PSMP055N08NS1-REV.00
logo
Diodes Incorporated
DMT8008LFG DIODES-DMT8008LFG Datasheet
415Kb / 7P
80V N-CHANNEL ENHANCEMENT MODE MOSFET
September 2019 Rev. 2 - 2
DMT8008SPS DIODES-DMT8008SPS Datasheet
382Kb / 7P
80V N-CHANNEL ENHANCEMENT MODE MOSFET
January 2019 Rev. 3 - 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com