Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP100P10NF Datasheet(PDF) 5 Page - A POWER MICROELECTRONICS

Part # AP100P10NF
Description  -95V P-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP100P10NF Datasheet(HTML) 5 Page - A POWER MICROELECTRONICS

  AP100P10NF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP100P10NF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP100P10NF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP100P10NF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP100P10NF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP100P10NF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP100P10NF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AP100P10NF
-95V P-Channel Enhancement Mode MOSFET
AP100P10NF REV1.0
永源微電子科技有限公司
Package Mechanical Data-PDFN5X6-8L-XZT Single
Symbol
Common
mm
Mim
Max
A
0.90
1.10
A1
0.254 REF
A2
0-0.05
D
4.824
4.976
D1
3.910
4.110
D2
4.944
5.076
E
5.924
6.076
E1
3.375
3.575
E2
5.674
5.826
b
0.350
0.450
e
1.270
L
0.534
0.686
L1
0.424
0.576
K
1.190
1.390
H
0.549
0.701
Φ
8°
12°



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com