Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP100P10T Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP100P10T
Description  -95V P-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP100P10T Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP100P10T Datasheet HTML 1Page - A POWER MICROELECTRONICS AP100P10T Datasheet HTML 2Page - A POWER MICROELECTRONICS AP100P10T Datasheet HTML 3Page - A POWER MICROELECTRONICS AP100P10T Datasheet HTML 4Page - A POWER MICROELECTRONICS AP100P10T Datasheet HTML 5Page - A POWER MICROELECTRONICS AP100P10T Datasheet HTML 6Page - A POWER MICROELECTRONICS AP100P10T Datasheet HTML 7Page - A POWER MICROELECTRONICS AP100P10T Datasheet HTML 8Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AP100P10PIT
-95V P-Channel Enhancement Mode MOSFET
AP100P10P/T REV1.0
永源微電子科技有限公司
Description
The AP100P10P/T uses advanced APM-SGT V technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V.
This device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = -95V ID =-100A
RDS(ON) <16mΩ @ VGS=10V (Type:12mΩ)
Application
Brushless motor
Load switch
Uninterruptible power supply
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP100P10T
TO-263-3L
AP100P10T XXX YYYY
800
AP100P10P
TO-220-3L
AP100P10P XXX YYYY
1000
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-95
V
VGS
Gate-Source Voltage
±
20
V
ID@TC=25℃
Continuous Drain Current, VGS @ -10V1
-100
A
ID@TC=100℃
Continuous Drain Current, VGS @ -10V1
-66
A
IDM
Pulsed Drain Current2
-300
A
EAS
Single Pulse Avalanche Energy3
174
mJ
IAS
Avalanche Current
-50
A
PD@TC=25℃
Total Power Dissipation4
280
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-Ambient 1
62
℃
/W
RθJC
Thermal Resistance Junction-Case1
1.1
℃
/W


Similar Part No. - AP100P10T

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP100P10D APME-AP100P10D Datasheet
1Mb / 7P
-95V P-Channel Enhancement Mode MOSFET
REV1.0
AP100P10NF APME-AP100P10NF Datasheet
1Mb / 7P
-95V P-Channel Enhancement Mode MOSFET
REV1.0
More results

Similar Description - AP100P10T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2305 SYNC-POWER-SPP2305 Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2301A STANSON-ST2301A Datasheet
221Kb / 6P
P Channel Enhancement Mode MOSFET
ST2305A STANSON-ST2305A Datasheet
147Kb / 6P
P Channel Enhancement Mode MOSFET
ST3401 STANSON-ST3401 Datasheet
200Kb / 6P
P Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPP2319 SYNC-POWER-SPP2319 Datasheet
210Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3401B SYNC-POWER-SPP3401B Datasheet
204Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3407B SYNC-POWER-SPP3407B Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com