Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP110N04D Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP110N04D
Description  40V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP110N04D Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP110N04D Datasheet HTML 1Page - A POWER MICROELECTRONICS AP110N04D Datasheet HTML 2Page - A POWER MICROELECTRONICS AP110N04D Datasheet HTML 3Page - A POWER MICROELECTRONICS AP110N04D Datasheet HTML 4Page - A POWER MICROELECTRONICS AP110N04D Datasheet HTML 5Page - A POWER MICROELECTRONICS AP110N04D Datasheet HTML 6Page - A POWER MICROELECTRONICS AP110N04D Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP110N04D
40V N-Channel Enhancement Mode MOSFET
AP110N04D RVE1. 0
永源微電子科技有限公司
Electrical Characteristics (TJ=25℃, unless otherwise noted)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
40
44
---
V
△
BVDSS/△TJ
BVDSS Temperature Coefficient
Reference to 25℃ , ID=1mA
---
0.052
---
V/℃
RDS(ON)
Static Drain-Source On-Resistance2
VGS=10V , ID=30A
---
3.5
4.3
mΩ
RDS(ON)
Static Drain-Source On-Resistance2
VGS=4.5V , ID=20A
---
5.4
7.5
mΩ
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =250uA
1.2
1.6
2.5
V
△
VGS(th)
VGS(th) Temperature Coefficient
---
-5.76
---
mV/℃
IDSS
Drain-Source Leakage Current
VDS=40V , VGS=0V , TJ=25℃
---
---
1
uA
VDS=40V , VGS=0V , TJ=55℃
---
---
5
IGSS
Gate-Source Leakage Current
VGS=±20V , VDS=0V
---
---
±100
nA
gfs
Forward Transconductance
VDS=5V , ID=30A
---
42
---
S
Qg
Total Gate Charge (4.5V)
VDS=48V , VGS=10V , ID=30A
---
65
---
nC
Qgs
Gate-Source Charge
---
12.5
---
Qgd
Gate-Drain Charge
---
15
---
Td(on)
Turn-On Delay Time
VDD=30V , VGS=10V , RG=4.7Ω,
ID=15A
---
12
---
ns
Tr
Rise Time
---
16
---
Td(off)
Turn-Off Delay Time
---
39
---
Tf
Fall Time
---
15
---
Ciss
Input Capacitance
VDS=30V , VGS=0V , f=1MHz
---
5595
---
pF
Coss
Output Capacitance
---
411
---
Crss
Reverse Transfer Capacitance
---
340
---
IS
Continuous Source Current1,5
VG=VD=0V , Force Current
---
---
110
A
ISM
Pulsed Source Current2,5
---
---
440
A
VSD
Diode Forward Voltage2
VGS=0V , IS=30A , TJ=25℃
---
---
1.2
V
trr
Reverse Recovery Time
IF=30A , dI/dt=100A/µs ,
TJ=25℃
---
22
---
nS
Qrr
Reverse Recovery Charge
---
11
---
nC
Note :
1、The data tested by surface mounted on a 1 inch 2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%
3、The EAS data shows Max. rating . TJ=25℃, VDD=32V, VG=10V, RG=25Ω, L=0.1mH, IAS =42A
4、The power dissipation is limited by 150℃ junction temperature
5、The data is theoretically the same as I D and I DM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com