Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS941AILT Datasheet(PDF) 17 Page - STMicroelectronics

Part # TS941AILT
Description  Output rail-to-rail micropower operational amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS941AILT Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TS941AILT Datasheet HTML 11Page - STMicroelectronics TS941AILT Datasheet HTML 12Page - STMicroelectronics TS941AILT Datasheet HTML 13Page - STMicroelectronics TS941AILT Datasheet HTML 14Page - STMicroelectronics TS941AILT Datasheet HTML 15Page - STMicroelectronics TS941AILT Datasheet HTML 16Page - STMicroelectronics TS941AILT Datasheet HTML 17Page - STMicroelectronics TS941AILT Datasheet HTML 18Page - STMicroelectronics TS941AILT Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
TS941 TS942 TS944
Ordering information
17/19
4
Ordering information
Table 12.
Order codes
Order code
Temperature
range
Package
Packaging
Marking
TS941ID
TS941IDT
-40°C to +85°C
SO-8
Tube or
Tape & reel
TS941ID
TS941IDT
TS941AID
TS941AIDT
TS941AID
TS941BID
TS941BIDT
TS941BID
TS941ILT
SOT23-5L
Tape & reel
K201
TS941AILT
K202
TS941BILT
K203
TS942IN
DIP-8
Tube
TS942IN
TS942AIN
TS942AIN
TS942BIN
TS942BIN
TS942ID
TS942IDT
SO-8
Tube or
Tape & reel
TS942ID
TS942IDT
TS942AID
TS942AIDT
TS942AID
TS942BID
TS942BIDT
TS942BID
TS942IPT
TSSOP8
Tape & reel
TS942
TS942AIPT
942AI
TS942BIPT
942BI
TS944IN
DIP14
Tube
TS944IN
TS944AIN
TS944AIN
TS944BIN
TS944BIN
TS944ID
TS944IDT
SO-14
Tube or
Tape & reel
TS944ID
TS944IDT
TS944AID
TS944AIDT
TS944AID
TS944AIDT
TS944BID
TS944BIDT
TS944BID
TS944BIDT
TS944IPT
TSSOP14
Tape & reel
TS944IPT
TS944AIPT
TS944AI
TS944BIPT
TS944BI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com