Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER17LN Datasheet(PDF) 8 Page - STMicroelectronics

Part # VIPER17LN
Description  Off-line high voltage converters
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER17LN Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VIPER17LN Datasheet HTML 4Page - STMicroelectronics VIPER17LN Datasheet HTML 5Page - STMicroelectronics VIPER17LN Datasheet HTML 6Page - STMicroelectronics VIPER17LN Datasheet HTML 7Page - STMicroelectronics VIPER17LN Datasheet HTML 8Page - STMicroelectronics VIPER17LN Datasheet HTML 9Page - STMicroelectronics VIPER17LN Datasheet HTML 10Page - STMicroelectronics VIPER17LN Datasheet HTML 11Page - STMicroelectronics VIPER17LN Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Electrical data
VIPER17
8/31
Table 8.
Controller section
(TJ = -25 to 125 °C, VDD = 14 V; unless otherwise specified)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Feedback pin
VFB_olp
Over load shut down
threshold
4.7
4.8
5.2
V
VFB_lin
Linear dynamics upper limit
3.2
3.3
3.4
V
VFB_bm
Burst mode threshold
Voltage falling
0.5
V
VFB_bm_hys
Burst mode hysteresis
Voltage rising
50
mV
IFB
Feedback sourced current
VFB = 0.3 V
-150
-200
-280
uA
3.3 V < VFB < 4.8 V
-3
uA
RFB(DYN)
Dynamic resistance
VFB < 3.3 V
14
19
k
Ω
HFB
∆V
FB / ∆ID
49
V/A
CONT pin
VCONT_l
Low level clamp voltage
ICONT = -100 uA
0.5
V
Current limitation
IDlim
Max drain current limitation
VFB = 4 V,
ICONT = -10 µA
TJ = 25 °C
0.38
0.4
0.42
A
tSS
Soft-start time
8.5
ms
TON_MIN
Minimum turn ON time
400
ns
td
Propagation delay
150
ns
tLEB
Leading edge blanking
300
ns
ID_BM
Peak drain current during
burst mode
VFB = 0.6 V
90
mA
Oscillator section
FOSC
VIPER17L
VDD = operating
voltage range,
VFB = 1 V
54
60
66
kHz
VIPER17H
103
115
127
kHz
FD
Modulation depth
VIPER17L
±4
kHz
VIPER17H
±8
kHz
FM
Modulation frequency
250
Hz
DMAX
Maximum duty cycle
70
80
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com