Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT619-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # FMMT619-HF
Description  General Purpose Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

FMMT619-HF Datasheet(HTML) 2 Page - Comchip Technology

  FMMT619-HF Datasheet HTML 1Page - Comchip Technology FMMT619-HF Datasheet HTML 2Page - Comchip Technology FMMT619-HF Datasheet HTML 3Page - Comchip Technology FMMT619-HF Datasheet HTML 4Page - Comchip Technology FMMT619-HF Datasheet HTML 5Page - Comchip Technology FMMT619-HF Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics (at TA=25°C unless otherwise noted)
General Purpose Transistor
Collector-base breakdown voltage
Collector-emitter breakdown voltage (Note 2)
Emitter-base breakdown voltage
Base-emitter saturation voltage
(Note 2)
Transition frequency
Turn-on time
Turn-off time
Units
Symbol
Parameter
Min.
Conditions
IC = 100μA, IE = 0
IC = 10mA, IB = 0
IE = 100μA, IC = 0
IC = 0.1A, IB = 10mA
IC = 1A, IB = 10mA
IB1 = -IB2 = 10mA
VCC = 10V, IC = 1A
Max.
V(BR)CBO
VCE(sat)2
fT
t(on)
t(off)
V(BR)CEO
V(BR)EBO
VBE(sat)
50
50
5
100
DC current gain
(Note 2)
VCE = 2V, IC = 1A
VCE = 2V, IC = 0.2A
VCE = 2V, IC = 2A
100
300
200
40
20
1
1
170
750
V
V
V
mV
V
Collector cut-off current
Emitter cut-off current
VCB = 40V, IE = 0
VEB = 4V, IC = 0
ICBO
IEBO
100
100
nA
nA
MHz
nS
nS
hFE(4)
hFE(1)
hFE(2)
hFE(3)
VCE = 2V, IC = 10mA
200
hFE(5)
VCE = 2V, IC = 6A
VCE(sat)1
VCE(sat)3
IC = 2A, IB = 100mA
200
220
Collector-emitter saturation voltage (Note 2)
VBE(on)
Base-emitter on voltage
(Note 2)
IC = 2A, IB = 50mA
IC = 2A, VCE = 2V
VCB = 10V, f = 1MHz
Output capacitance
Cob
V
20
pF
Typ.
mV
mV
Comchip Technology CO., LTD.
QW-JTR151
Page 2
REV:A
VCE = 10V, IC = 50mA, f = 100MHz
Notes: 1. Maximum power dissipation is calculated assuming that the device is mounted on a ceramic substrate measuring 15x15x0.6mm.
2. Pulse test: pulse width ≤ 300µs, duty cycle ≤ 2.0%.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com