Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP120N07P Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP120N07P
Description  68V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP120N07P Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP120N07P Datasheet HTML 1Page - A POWER MICROELECTRONICS AP120N07P Datasheet HTML 2Page - A POWER MICROELECTRONICS AP120N07P Datasheet HTML 3Page - A POWER MICROELECTRONICS AP120N07P Datasheet HTML 4Page - A POWER MICROELECTRONICS AP120N07P Datasheet HTML 5Page - A POWER MICROELECTRONICS AP120N07P Datasheet HTML 6Page - A POWER MICROELECTRONICS AP120N07P Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP120N07FIPIT
68V N-Channel Enhancement Mode MOSFET
AP120N07F/P/T RVE1.0
永源微電子科技有限公司
Electrical Characteristics (TJ=25℃, unless otherwise noted)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max. Unit
V(BR)DSS
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250µA
68
-
-
V
lGSS
Gate-body Leakage current
VDS = 0V, VGS =±20V
-
-
±100
nA
IDSS
Zero Gate Voltage Drain Current
VDS =70V, VGS=0V
-
-
10
μA
IDSS TJ=55°C
Zero Gate Voltage Drain Current
-
-
100
VGS(th)
Gate-Threshold Voltage
VDS = VGS, ID = 250µA
2
3
4
V
RDS(on)
Drain-Source on-Resistance2
VGS = 10V, ID = 20A
-
5.7
6.5
mΩ
gfs
Forward Transconductance2
VDS=5V , ID=20A
-
76
-
S
Ciss
Input Capacitance
VDS = 35V, VGS =0V, f =1MHz
-
4030
-
pF
Coss
Output Capacitance
-
271
-
Crss
Reverse Transfer Capacitance
-
189
-
Rg
Gate Resistance
VDS = 0V, VGS =0V, f =1MHz
-
1.2
-
Ω
Qg
Total Gate Charge(10V)
VGS = 10V, VDS = 35V, ID=20A
-
92
-
nC
Qgs
Gate-Source Charge
-
22
-
Qgd
Gate-Drain Charge
-
31
-
td(on)
Turn-On Delay Time
VGS =10V, VDD =35V, RG =
4.7Ω, ID= 20A
-
36
-
ns
tr
Rise Time
-
77
-
td(off)
Turn-Off Delay Time
-
92
-
tf
Fall Time
-
34
-
VSD
Diode Forward Voltage2
IS = 1A, VGS = 0V
-
-
1
V
IS
Continuous Source Current1,5
VG=VD=0V, Force Current
-
-
100
A
Note :
1、The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width .The EAS data shows Max. rating .
3、The test cond≦ 300us
duty cycle ≦ 2%, duty cycle ition is TJ =25℃, VDD =25V, VG =10V, RG =25Ω, L=0.4mH, IAS =30A
4、The power dissipation is limited by 175℃ junction temperature
5、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com