Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29F512B Datasheet(PDF) 2 Page - STMicroelectronics

Part # M29F512B
Description  512 Kbit 64Kb x8, Bulk Single Supply Flash Memory
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F512B Datasheet(HTML) 2 Page - STMicroelectronics

  M29F512B Datasheet HTML 1Page - STMicroelectronics M29F512B Datasheet HTML 2Page - STMicroelectronics M29F512B Datasheet HTML 3Page - STMicroelectronics M29F512B Datasheet HTML 4Page - STMicroelectronics M29F512B Datasheet HTML 5Page - STMicroelectronics M29F512B Datasheet HTML 6Page - STMicroelectronics M29F512B Datasheet HTML 7Page - STMicroelectronics M29F512B Datasheet HTML 8Page - STMicroelectronics M29F512B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
M29F512B
2/16
Figure 2A. TSOPConnections
A1
A0
DQ0
A7
A4
A3
A2
A6
A5
A13
A10
A8
A9
DQ7
A14
A11
G
E
DQ5
DQ1
DQ2
DQ3
DQ4
DQ6
NC
W
NC
A12
NC
VCC
A15
AI02741
M29F512B
8
1
9
16
17
24
25
32
VSS
Table 1. Signal Names
A0-A15
Address Inputs
DQ0-DQ7
Data Inputs/Outputs
E
Chip Enable
G
Output Enable
W
Write Enable
VCC
Supply Voltage
VSS
Ground
NC
Not Connected Internally
quired to update the memory contents. The end of
a program or erase operation can be detected and
any error conditions identified. The command set
required to control the memory is consistent with
JEDEC standards.
Chip Enable, Output Enable and Write Enable sig-
nals control the bus operation of the memory.
They allow simple connection to most micropro-
cessors, often without additional logic.
The memory is offered in TSOP32 (8 x 14mm) and
PLCC32 packages. Access times of 45ns and
70ns are available. The memory is supplied with
all the bits erased (set to ’1’).
SIGNAL DESCRIPTIONS
See Figure 1, Logic Diagram, and Table 1, Signal
Names, for a brief overview of the signals connect-
ed to this device.
Address Inputs (A0-A15). The Address Inputs
select the cells in the memory array to access dur-
ing Bus Read operations. During Bus Write opera-
tions they control the commands sent to the
Command Interface of the internal state machine.
Data Inputs/Outputs (DQ0-DQ7). The Data In-
puts/Outputs output the data stored at the selected
address during a Bus Read operation. During Bus
Write operations they represent the commands
sent to the Command Interface of the internal state
machine.
Figure 2B. PLCC Connections
AI02930
A13
A10
17
A1
A0
DQ0
A7
A4
A3
A2
A6
A5
9
A8
1
A9
DQ7
A14
32
M29F512B
A11
G
E
25
SUMMARY DESCRIPTION
The M29F512B is a 512 Kbit (64Kb x8) non-vola-
tile memory that can be read, erased and repro-
grammed. These operations can be performed
using a single 5V supply. On power-up the memo-
ry defaults to its Read mode where it can be read
in the same way as a ROM or EPROM.
Program and Erase commands are written to the
Command Interface of the memory. An on-chip
Program/Erase Controller simplifies the process of
programming or erasing the memory by taking
care of all of the special operations that are re-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com