Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP130N10HT Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP130N10HT
Description  100V N-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP130N10HT Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP130N10HT Datasheet HTML 1Page - A POWER MICROELECTRONICS AP130N10HT Datasheet HTML 2Page - A POWER MICROELECTRONICS AP130N10HT Datasheet HTML 3Page - A POWER MICROELECTRONICS AP130N10HT Datasheet HTML 4Page - A POWER MICROELECTRONICS AP130N10HT Datasheet HTML 5Page - A POWER MICROELECTRONICS AP130N10HT Datasheet HTML 6Page - A POWER MICROELECTRONICS AP130N10HT Datasheet HTML 7Page - A POWER MICROELECTRONICS AP130N10HT Datasheet HTML 8Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AP130N10HPIT
100V N-Channel Enhancement Mode MOSFET
AP130N10HP/T REV1.0
永源微電子科技有限公司
Electrical Characteristics (TC=25℃unless otherwise noted)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDSS
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250µA
100
-
-
V
lGSS
Gate-body Leakage current
VDS = 0V, VGS = ±20V
-
-
±100
nA
IDSS
Zero Gate Voltage Drain Current TJ=25°C
VDS =100V, VGS = 0V
-
-
1
μA
IDSS
Zero Gate Voltage Drain Current TJ=100°C
-
-
100
VGS(th)
Gate-Threshold Voltage
VDS = VGS, ID = 250µA
2.0
2.9
4.0
V
RDS(on)
Drain-Source on-Resistance2
VGS = 10V, ID = 20A
-
4.2
6
mΩ
Ciss
Input Capacitance
VDS = 50V, VGS =0V,
f =1MHz
-
2604
-
pF
Coss
Output Capacitance
-
567
-
Crss
Reverse Transfer Capacitance
-
9.6
-
Rg
Gate Resistance
VGS = 0V, VDS = 0V,
f =1MHz
-
1.8
-
Ω
Qg
Total Gate Charge
VGS = 10V, VDS = 50V,
ID=20A
-
42
-
nC
Qgs
Gate-Source Charge
-
6.5
-
Qgd
Gate-Drain Charge
-
9.7
-
td(on)
Turn-on Delay Time
VGS =10V, VDS =50V, RG =
3Ω, ID= 20A
-
11.3
-
ns
tr
Rise Time
-
17.6
-
td(off)
Turn-off Delay Time
-
46
-
tf
Fall Time
-
36
-
VSD
Diode Forward Voltage2
IF = 20A, VGS = 0V
-
-
1.2
V
IS
Continuous Source Current1,5
VG=VD=0V , Force Current
-
-
150
A
trr
Body Diode Reverse Recovery Time
IF = 20A, dI/dt=100A/µs
-
49
-
ns
Qrr
Body Diode Reverse Recovery Charge
-
44
-
nC
Notes:
1、The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width ≤ 300us , duty cycle ≤ 2%
3、The EAS data shows Max. rating . The test condition is VDD=50V, VGS=10V, L=0.4mH, IAS=42A
4、The power dissipation is limited by 150°C junction temperature
5、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com