Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG55M-5021-75-1012-R Datasheet(PDF) 2 Page - Solid State Supplies.

Part # DG55M-5021-75-1012-R
Description  Electric Vehicle Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURAKOOL [Solid State Supplies.]
Direct Link  https://www.durakool.com/
Logo DURAKOOL - Solid State Supplies.

DG55M-5021-75-1012-R Datasheet(HTML) 2 Page - Solid State Supplies.

  DG55M-5021-75-1012-R Datasheet HTML 1Page - Solid State Supplies. DG55M-5021-75-1012-R Datasheet HTML 2Page - Solid State Supplies.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DG55M Series
Electric Vehicle Relay
2
Specifications are subject to change without notice. E&OE.
See website for contact details: www.durakool.com
DG55M 041824JHM
Dimensions
Fig 1
Coil Data
Table 1
Coil code
Nominal voltage
(VDC)
Coil resistance
(Ω) ± 10%
Must operate
voltage max.
(VDC)
Must release
voltage min.
(VDC)
Max allowable
voltage at 23°C
(VDC)
Max allowable
voltage at 85°C
(VDC)
1012
12
72
7.2
1.2
18
14
1024
24
288
14.4
2.4
35
25.2
1048
48
1152
28.8
4.8
70
48
Consult factory for other coil voltage options.
Coil insulation: UL Class H.
Dimensions in mm
(± 0.1mm unless indicated)
Top View showing fit on standard socket
(DZ85AB-5-WH2)
Connection diagram
Fig . 3
Fig. 2
0
10
20
30
40
50
60
70
0
20
40
60
80
100
120
Amps
Load Current v. Load Voltage (DC) at 23°C (100K ops. 1s On/1s Off)
0
5
10
15
20
25
30
35
40
45
0
10
20
30
40
50
60
70
80
90
Amps
Load Current v. Load Voltage (DC) at 85°C (100K ops. 1s On/1s Off)
Volts DC
Volts DC
1 Form A
(D)
(DR)
(R)
a
+
-
Important!
Please observe polarity when
connecting the load to Terminals
87 and 87a. Incorrect polarity will
lead to reduced life.
3.6 ± 0.2
2.5 ± 0.2
8.4 ± 0.2
8 ± 0.2
2.1 ±0.1
25.9
Ø 5.3
15.0
31
Ø 1.65 ± 0.15
0.8 ± 0.05
6.3
Magnet position
25.9
33.6
25.9
5.1
4.0
23.45
21
25.90
23.90
4.90
24.75
16.30
16.80
11



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com