Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F0094V Datasheet(PDF) 7 Page - OSRAM GmbH

Part # F0094V
Description  GaAs Infrared Light Emitting Diode (950 nm, 12 mil)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

F0094V Datasheet(HTML) 7 Page - OSRAM GmbH

  F0094V Datasheet HTML 1Page - OSRAM GmbH F0094V Datasheet HTML 2Page - OSRAM GmbH F0094V Datasheet HTML 3Page - OSRAM GmbH F0094V Datasheet HTML 4Page - OSRAM GmbH F0094V Datasheet HTML 5Page - OSRAM GmbH F0094V Datasheet HTML 6Page - OSRAM GmbH F0094V Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
F 0094U, F 0094V
2002-02-04
7
Published by OSRAM Opto Semiconductors GmbH
Wernerwerkstrasse 2, D-93049 Regensburg
© All Rights Reserved.
Attention please!
The information generally describes the type of component and shall not be considered as assured characteristics or
detailed specification.
Terms of delivery and rights to change design reserved. Due to technical requirements components may contain
dangerous substances. For information on the types in question please contact our sales organization.
Packing
Please use the recycling operators known to you. We can also help you – get in touch with your nearest sales office.
By agreement we will take packing material back, if it is sorted. You will have to bear the costs of transport. For packing
material that is returned to us unsorted or which we are not obliged to accept, we shall have to invoice you for any costs
incurred.
Components used in life-support devices or systems must be expressly authorized by us for such purpose!
Critical components5), may only be used in life-support devices or systems6) with the express written approval of
OSRAM OS.
1) Typical (refered to as typ.) data are defined as long-term production mean values and are only given for information.
This is not a specified value. For final electrical testing a spot check with sufficient statistical accuracy is carried out.
Minimum and maximum values( refered to as min. and max.) refer to the limits of the sample measurement.
2) Based on data measured in OSRAM Opto Semiconductor’s TOPLED® package. They represent typical1) data.
3) Maximum ratings are strongly package dependent and may differ between different packages. The values given
represent the chip in an OSRAM OS TOPLED
® package and are only valid for this package.
4) Value is referenced to the vendor’s measurement system (correlation to customer product(s) is required).
5)A critical component is a component used in a life-support device or system whose failure can reasonably be expected
to cause the failure of that life-support device or system, or to affect its safety or effectiveness of that device or system.
6)Life support devices or systems are intended (a) to be implanted in the human body, or (b) to support and/or maintain
and sustain human life. If they fail, it is reasonable to assume that the health of the user may be endangered.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com