Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2321GD Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MP2321GD
Description  19V, 2A, 40μA IQ, High-Efficiency, Constant-On-Time, Step-Down Converter in a QFN (2mmx3mm) Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2321GD Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP2321GD Datasheet HTML 16Page - Monolithic Power Systems MP2321GD Datasheet HTML 17Page - Monolithic Power Systems MP2321GD Datasheet HTML 18Page - Monolithic Power Systems MP2321GD Datasheet HTML 19Page - Monolithic Power Systems MP2321GD Datasheet HTML 20Page - Monolithic Power Systems MP2321GD Datasheet HTML 21Page - Monolithic Power Systems MP2321GD Datasheet HTML 22Page - Monolithic Power Systems MP2321GD Datasheet HTML 23Page - Monolithic Power Systems MP2321GD Datasheet HTML 24Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
MP2321 – 19V, 2A, LOW IQ, STEP-DOWN CONVERTER
MP2321 Rev. 1.1
www.MonolithicPower.com
21
5/24/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS (continued)
Figure 17: VIN = 12V, VOUT = 1.5V, IOUT = 2A, FS = 500kHz
NOTE:
a.
Use R6 = 196kΩ to set forced PWM. Use R7 = 220kΩ to set auto PFM/PWM. The recommended R6 and R7 values are based on
Equation (12) and Equation (13) and optimized according to test results.
b.
Recommend to pull-up PG to IC VCC pin. If need pull-up PG to external power supply, please refer to the PG description in
application information section.
Figure 18: VIN = 12V, VOUT = 1.8V, IOUT = 2A, FS = 500kHz
NOTE:
a.
Use R6 = 243kΩ to set forced PWM. Use R7 = 255kΩ to set auto PFM/PWM. The recommended R6 and R7 values are based on
Equation (12) and Equation (13) and optimized according to test results.
b.
Recommend to pull-up PG to IC VCC pin. If need pull-up PG to external power supply, please refer to the PG description in
application information section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com