Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VACS-C-R1-1RAL Datasheet(PDF) 1 Page - Festo Corporation.

Part # VACS-C-R1-1RAL
Description  Solenoid coil
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

VACS-C-R1-1RAL Datasheet(HTML) 1 Page - Festo Corporation.

  VACS-C-R1-1RAL Datasheet HTML 1Page - Festo Corporation. VACS-C-R1-1RAL Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solenoid coil
VACS-C-R1-1RAL
Part number: 8135910
General operating condition
Data sheet
Feature
Value
Actuation type
Electrical
Mounting position
Any
Conforms to standard
ISO 20401
Impact energy value
IK06
Signal status display
LED
Duty cycle
100%
Insulation class
H
Enameled wire insulation class
H
Nominal pick-up current per solenoid coil
138 mA to 70 ms
Nominal current with current reduction
50 mA after 70 ms
Coil characteristics
24VDC:NS1,2:HS3.3
Permissible voltage fluctuations
+/- 10 %
Certification
c UL us - Recognized (OL)
CE marking (see declaration of conformity)
As per EU EMC directive
As per EU RoHS directive
UKCA marking (see declaration of conformity)
To UK instructions for EMC
To UK RoHS instructions
Certificate issuing authority
UL MH18122
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
LABS (PWIS) conformity
VDMA24364-B1/B2-L
Temperature of medium
-20 °C ... 60 °C
Degree of protection
IP65
Ambient temperature
-20 °C ... 60 °C
Product weight
32.5 g
Max. cable length
30 m
Electrical connection 1, connection type
Plug
Electrical connection 1, connection technology
M8x1 A-coded as per EN 61076-2-104
Electrical connection 1, number of pins/wires
4
Electrical connection for input 1, connection pattern
00991171
Electrical connection 1, type of mounting
Screw-type lock
Type of mounting
With knurled nut
Note on materials
RoHS-compliant
Housing material
PA
Steel
Solenoid coil material
Copper
Steel
Thermoplastic
4/29/26 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - VACS-C-R1-1RAL

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VACS-C-R3-1RAL FESTO-VACS-C-R3-1RAL Datasheet
68Kb / 2P
Solenoid coil
VACS-C-R4-1RAL FESTO-VACS-C-R4-1RAL Datasheet
68Kb / 2P
Solenoid coil
VACS-C-R8-1RAL FESTO-VACS-C-R8-1RAL Datasheet
68Kb / 2P
Solenoid coil
More results

Similar Description - VACS-C-R1-1RAL

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8114698 FESTO-8114698 Datasheet
76Kb / 2P
Solenoid valve
8114684 FESTO-8114684 Datasheet
77Kb / 2P
Solenoid valve
8122783 FESTO-8122783 Datasheet
99Kb / 2P
Solenoid valve
logo
Pepperl+Fuchs Inc.
HIC2877 PF-HIC2877 Datasheet
729Kb / 5P
Solenoid Driver
KCD0-SD-EX1.1245 PF-KCD0-SD-EX1.1245 Datasheet
898Kb / 4P
Solenoid Driver
KCD2-SLD-EX1.1045 PF-KCD2-SLD-EX1.1045 Datasheet
1Mb / 5P
Solenoid Driver
logo
Festo Corporation.
8114566 FESTO-8114566 Datasheet
86Kb / 2P
Solenoid valve
4/5/22
8141528 FESTO-8141528 Datasheet
97Kb / 2P
Solenoid valve
6/26/22
8141532 FESTO-8141532 Datasheet
92Kb / 2P
Solenoid valve
6/26/22
8141534 FESTO-8141534 Datasheet
92Kb / 2P
Solenoid valve
6/26/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com