Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8201224 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8201224
Description  Cover kit
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8201224 Datasheet(HTML) 1 Page - Festo Corporation.

  8201224 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Cover kit
VAVC-F12-SCC-32-P
Part number: 8201224
General operating condition
Data sheet
Feature
Value
Nominal width DN
32
Explosion prevention and protection
Zone 1 (ATEX)
Zone 2 (ATEX)
Zone 21 (ATEX)
Zone 22 (ATEX)
LABS (PWIS) conformity
VDMA24364 zone III
Medium
Vapor
Hydraulic fluid based on mineral oil
Inert gas
Mineral oil
Water
Filtered compressed air, 200 µm filter mesh
Neutral liquids
Information on medium
Gaseous media are only permitted with inflow via valve seat.
Temperature of medium
100 °C ... 230 °C
Ambient temperature
0 °C ... 60 °C
Storage temperature
-10 °C ... 60 °C
Mounting position
Any
Product weight
1080 g
Note on materials
RoHS-compliant
Cover material
High-alloy stainless steel
Spindle seal material
PTFE
Seat seal material
PEEK
4/29/26 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 8201224

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8201221 FESTO-8201221 Datasheet
67Kb / 1P
Cover kit
8201222 FESTO-8201222 Datasheet
66Kb / 1P
Cover kit
8201223 FESTO-8201223 Datasheet
62Kb / 1P
Cover kit
More results

Similar Description - 8201224

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
LPX150-C ASTEC-LPX150-C Datasheet
120Kb / 1P
Cover Enclosure Kit
LPX-40 ASTEC-LPX-40 Datasheet
148Kb / 1P
Cover Enclosure Kit
logo
CONEC Elektronische Bau...
17-10021 CONEC-17-10021 Datasheet
484Kb / 1P
Receptacle & Cover Assembly Kit
17-101710 CONEC-17-101710 Datasheet
344Kb / 1P
Protective Cover Assembly Kit
17-101800 CONEC-17-101800 Datasheet
530Kb / 1P
Protective Cover Assembly Kit
17-100950 CONEC-17-100950 Datasheet
627Kb / 1P
Protective Cover Assembly Kit
17-10002 CONEC-17-10002 Datasheet
458Kb / 1P
Protective Cover Assembly Kit
logo
Bel Fuse Inc.
ABC60 BEL-ABC60 Datasheet
756Kb / 5P
Cover Kit Accessory Available
ABC150 BEL-ABC150 Datasheet
698Kb / 5P
Cover Kit Accessory Available
logo
CUI INC
VSUU-TCK CUI-VSUU-TCK Datasheet
678Kb / 1P
VSUU top cover kit
11/21/2007
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com