Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMB320S-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # KMB320S-HF
Description  SMD Schottky Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

KMB320S-HF Datasheet(HTML) 2 Page - Comchip Technology

  KMB320S-HF Datasheet HTML 1Page - Comchip Technology KMB320S-HF Datasheet HTML 2Page - Comchip Technology KMB320S-HF Datasheet HTML 3Page - Comchip Technology KMB320S-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Typical Rating and Characteristics Curves (KMB34S-HF Thru. KMB320S-HF)
SMD Schottky Bridge Rectifiers
Comchip Technology CO., LTD.
REV:A
Page 2
QW-JBR23
0
Fig.1 - Forward Current Derating Curve
0.5
1.0
1.5
2.0
2.5
3.0
0
25
50
75
100
125
150
175
Case Temperature, Tc (°C)
3.5
0.1
0.5
1.1
Fig.2 - Typical Forward Characteristics
Instantaneous Forward Voltage, (V)
0.3
0.7
0.9
0.01
0.1
1
10
150V,200V
100V
60V
40V
Ta=25°C
IF Pulse width=300µs
Fig.4 - Typical Reverse Characteristics
Percent of Peak Reverse Voltage, (%)
0.001
0.1
1
10
100
20
40
60
100
80
0
20
40
60
80
100
1
10
100
Fig.3 - Forward Surge Current Capability
Number of Cycles at 60Hz
8.3ms single half sine-wave
(JEDEC method)
0.01
TJ=100°C
TJ=25°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com