Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDSP1601 Datasheet(PDF) 8 Page - Mitel Networks Corporation

Part # PDSP1601
Description  ALU and Barrel Shifter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP1601 Datasheet(HTML) 8 Page - Mitel Networks Corporation

Back Button PDSP1601 Datasheet HTML 4Page - Mitel Networks Corporation PDSP1601 Datasheet HTML 5Page - Mitel Networks Corporation PDSP1601 Datasheet HTML 6Page - Mitel Networks Corporation PDSP1601 Datasheet HTML 7Page - Mitel Networks Corporation PDSP1601 Datasheet HTML 8Page - Mitel Networks Corporation PDSP1601 Datasheet HTML 9Page - Mitel Networks Corporation PDSP1601 Datasheet HTML 10Page - Mitel Networks Corporation PDSP1601 Datasheet HTML 11Page - Mitel Networks Corporation PDSP1601 Datasheet HTML 12Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
PDSP1601/PDSP1601A
8
The Register Files
There are two on-chip register files (ALU and Shifter), each
containing two 16 bit registers and each supporting 8
instructions (see Table 4). The instructions for the ALU
register file and the Barrel Shifter Register file are the same.
The Inputs to the register files come from either the ALU or
the Barrel Shifter, and are loaded into the Register files on the
rising edge of CLK.
The register file instructions are latched such that the
instruction will not start executing until the rising edge of the
CLK latches the instruction into the device.
The register file instructions (see Table 4) allow input data
to be loaded into either, neither or both of the registers. Data
is loaded at the end of the cycle in which the instruction is
executing.
The register file instructions allow the output to be sourced
from either of the two registers, the selected output will be valid
during the cycle in which the instruction is executing.
Operation
Load Left Reg Output Right Reg
Load Right Reg Output Left Reg
Load Left Register, Output Left Reg
Load Right Register, Output Right Reg
Load Both Registers, Output Left Reg
No Load Operation, Output Right Reg
No Load Operation, Output Left Reg
No Load Operation, Pass Barrel Shifter Result
Operation
Load Left Reg Output Right Reg
Load Right Reg Output Left Reg
Load Left Register, Output Left Reg
Load Right Register, Output Right Reg
Load Both Registers, Output Left Reg
No Load Operation, Output Right Reg
No Load Operation, Output Left Reg
No Load Operation, Pass ALU Result
Inst
0
1
2
3
4
5
6
7
RA2-RA0
000
001
010
011
100
101
110
111
Mnemonic
LLRRR
LRRLR
LLRLR
LRRRR
LBRLR
NOPRR
NOPLR
NOPPS
ALU REGISTER INSTRUCTIONS
Inst
0
1
2
3
4
5
6
7
RA2-RA0
000
001
010
011
100
101
110
111
Mnemonic
LLRRR
LRRLR
LLRLR
LRRRR
LBRLR
NOPRR
NOPLR
NOPPS
SHIFTER REGISTER INSTRUCTIONS
Table 4 ALU and shift register instructions mnemonics
MNEMONICS
LXXYY
Load XX = Target,
YY
= Source of Output
LBOXX
Load Both Registers, XX
= Source of Output
NOPXX No Load Operation,
XX
= Source of Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com