Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W640ECT90ZB6 Datasheet(PDF) 42 Page - STMicroelectronics

Part # M28W640ECT90ZB6
Description  64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W640ECT90ZB6 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button M28W640ECT90ZB6 Datasheet HTML 38Page - STMicroelectronics M28W640ECT90ZB6 Datasheet HTML 39Page - STMicroelectronics M28W640ECT90ZB6 Datasheet HTML 40Page - STMicroelectronics M28W640ECT90ZB6 Datasheet HTML 41Page - STMicroelectronics M28W640ECT90ZB6 Datasheet HTML 42Page - STMicroelectronics M28W640ECT90ZB6 Datasheet HTML 43Page - STMicroelectronics M28W640ECT90ZB6 Datasheet HTML 44Page - STMicroelectronics M28W640ECT90ZB6 Datasheet HTML 45Page - STMicroelectronics M28W640ECT90ZB6 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 55 page
background image
M28W640ECT, M28W640ECB
42/55
Table 30. Primary Algorithm-Specific Extended Query Table
Note: 1. See Table 27, offset 15 for P pointer definition.
Offset
P = 35h (1)
Data
Description
Value
(P+0)h = 35h
0050h
Primary Algorithm extended Query table unique ASCII string “PRI”
"P"
(P+1)h = 36h
0052h
"R"
(P+2)h = 37h
0049h
"I"
(P+3)h = 38h
0031h
Major version number, ASCII
"1"
(P+4)h = 39h
0030h
Minor version number, ASCII
"0"
(P+5)h = 3Ah
0066h
Extended Query table contents for Primary Algorithm. Address (P+5)h
contains less significant byte.
bit 0
Chip Erase supported
(1 = Yes, 0 = No)
bit 1
Suspend Erase supported
(1 = Yes, 0 = No)
bit 2
Suspend Program supported
(1 = Yes, 0 = No)
bit 3
Legacy Lock/Unlock supported
(1 = Yes, 0 = No)
bit 4
Queued Erase supported
(1 = Yes, 0 = No)
bit 5
Instant individual block locking supported (1 = Yes, 0 = No)
bit 6
Protection bits supported
(1 = Yes, 0 = No)
bit 7
Page mode read supported
(1 = Yes, 0 = No)
bit 8
Synchronous read supported
(1 = Yes, 0 = No)
bit 31 to 9
Reserved; undefined bits are ‘0’
No
Yes
Yes
No
No
Yes
Yes
No
No
(P+6)h = 3Bh
0000h
(P+7)h = 3Ch
0000h
(P+8)h = 3Dh
0000h
(P+9)h = 3Eh
0001h
Supported Functions after Suspend
Read Array, Read Status Register and CFI Query are always supported
during Erase or Program operation
bit 0
Program supported after Erase Suspend (1 = Yes, 0 = No)
bit 7 to 1
Reserved; undefined bits are ‘0’
Yes
(P+A)h = 3Fh
0003h
Block Lock Status
Defines which bits in the Block Status Register section of the Query are
implemented.
Address (P+A)h contains less significant byte
bit 0
Block Lock Status Register Lock/Unlock bit active (1 = Yes, 0 = No)
bit 1
Block Lock Status Register Lock-Down bit active (1 = Yes, 0 = No)
bit 15 to 2
Reserved for future use; undefined bits are ‘0’
Yes
Yes
(P+B)h = 40h
0000h
(P+C)h = 41h
0030h
VDD Logic Supply Optimum Program/Erase voltage (highest performance)
bit 7 to 4
HEX value in volts
bit 3 to 0
BCD value in 100 mV
3V
(P+D)h = 42h
00C0h
VPP Supply Optimum Program/Erase voltage
bit 7 to 4
HEX value in volts
bit 3 to 0
BCD value in 100 mV
12V
(P+E)h = 43h
0001h
Number of Protection register fields in JEDEC ID space.
"00h," indicates that 256 protection bytes are available
01
(P+F)h = 44h
0080h
Protection Field 1: Protection Description
This field describes user-available One Time Programmable (OTP)
Protection register bytes. Some are pre-programmed with device unique
serial numbers. Others are user programmable. Bits 0–15 point to the
Protection register Lock byte, the section’s first byte.
The following bytes are factory pre-programmed and user-programmable.
bit 0 to 7
Lock/bytes JEDEC-plane physical low address
bit 8 to 15
Lock/bytes JEDEC-plane physical high address
bit 16 to 23
"n" such that 2n = factory pre-programmed bytes
bit 24 to 31
"n" such that 2n = user programmable bytes
80h
(P+10)h = 45h
0000h
00h
(P+11)h = 46h
0003h
8 Byte
(P+12)h = 47h
0004h
16 Byte
(P+13)h = 48h
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com