Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F101X6 Datasheet(PDF) 34 Page - STMicroelectronics

Part # STM32F101X6
Description  Low-density access line, ARM®-based 32 bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101X6 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STM32F101X6 Datasheet HTML 30Page - STMicroelectronics STM32F101X6 Datasheet HTML 31Page - STMicroelectronics STM32F101X6 Datasheet HTML 32Page - STMicroelectronics STM32F101X6 Datasheet HTML 33Page - STMicroelectronics STM32F101X6 Datasheet HTML 34Page - STMicroelectronics STM32F101X6 Datasheet HTML 35Page - STMicroelectronics STM32F101X6 Datasheet HTML 36Page - STMicroelectronics STM32F101X6 Datasheet HTML 37Page - STMicroelectronics STM32F101X6 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 87 page
background image
Electrical characteristics
STM32F101x4, STM32F101x6
34/87
DocID15058 Rev 6
5.3.4
Embedded reference voltage
The parameters given in Table 11 are derived from tests performed under the ambient
temperature and VDD supply voltage conditions summarized in Table 8.
5.3.5
Supply current characteristics
The current consumption is a function of several parameters and factors such as the
operating voltage, ambient temperature, I/O pin loading, device software configuration,
operating frequencies, I/O pin switching rate, program location in memory and executed
binary code.
The current consumption is measured as described in Figure 11: Current consumption
measurement scheme.
All Run-mode current consumption measurements given in this section are performed with a
reduced code that gives a consumption equivalent to Dhrystone 2.1 code.
Maximum current consumption
The MCU is placed under the following conditions:
•
All I/O pins are in input mode with a static value at VDD or VSS (no load)
•
All peripherals are disabled except if it is explicitly mentioned
•
The Flash access time is adjusted to fHCLK frequency (0 wait state from 0 to 24 MHz, 1
wait state from 24 to 36 MHz)
•
Prefetch in on (reminder: this bit must be set before clock setting and bus prescaling)
•
When the peripherals are enabled fPCLK1 = fHCLK/2, fPCLK2 = fHCLK
The parameters given in Table 12 are derived from tests performed under the ambient
temperature and VDD supply voltage conditions summarized in Table 8.
Table 11. Embedded internal reference voltage
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VREFINT Internal reference voltage
–40 °C < TA < +85 °C 1.16 1.20
1.24
V
TS_vrefint(1)
1. Shortest sampling time can be determined in the application by multiple iterations.
ADC sampling time when reading
the internal reference voltage
-
-
5.1
17.1(2)
2. Guaranteed by design, not tested in production.
µs
VRERINT(2)
Internal reference voltage spread
over the temperature range
VDD = 3 V ±10 mV
-
-
10
mV
TCoeff(2)
Temperature coefficient
-
-
-
100
ppm/
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com