Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F101T4 Datasheet(PDF) 53 Page - STMicroelectronics

Part # STM32F101T4
Description  Low-density access line, ARM®-based 32 bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101T4 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STM32F101T4 Datasheet HTML 49Page - STMicroelectronics STM32F101T4 Datasheet HTML 50Page - STMicroelectronics STM32F101T4 Datasheet HTML 51Page - STMicroelectronics STM32F101T4 Datasheet HTML 52Page - STMicroelectronics STM32F101T4 Datasheet HTML 53Page - STMicroelectronics STM32F101T4 Datasheet HTML 54Page - STMicroelectronics STM32F101T4 Datasheet HTML 55Page - STMicroelectronics STM32F101T4 Datasheet HTML 56Page - STMicroelectronics STM32F101T4 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 87 page
background image
DocID15058 Rev 6
53/87
STM32F101x4, STM32F101x6
Electrical characteristics
86
5.3.13
I/O port characteristics
General input/output characteristics
Unless otherwise specified, the parameters given in Table 33 are derived from tests
performed under the conditions summarized in Table 8. All I/Os are CMOS and TTL
compliant.
Table 33. I/O static characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Standard IO input low
level voltage
-
-0.3
-
0.28*(VDD-2 V)+0.8 V(1)
V
IO FT(2) input low
level voltage
-0.3
-
0.32*(VDD-2 V)+0.75 V(1)
VIH
Standard IO input high
level voltage
-
0.41*(VDD-2 V)+1.3 V(1)
-VDD+0.3
IO FT(2) input high
level voltage
VDD > 2 V
0.42*(VDD-2 V)+1 V(1)
-
5.5
VDD ≤ 2 V
5.2
Vhys
Standard IO Schmitt
trigger voltage
hysteresis(3)
-200
-
-
mV
IO FT Schmitt trigger
voltage hysteresis(3)
-5% VDD(4)
--
Ilkg
Input leakage current
(5)
VSS ≤ VIN ≤ VDD
Standard I/Os
--
±1
µA
VIN = 5 V
I/O FT
--
3
RPU
Weak pull-up
equivalent resistor(6)
VIN = VSS
30
40
50
k
Ω
RPD
Weak pull-down
equivalent resistor(6)
VIN = VDD
30
40
50
CIO
I/O pin capacitance
-
-
5
-
pF
1. Data based on design simulation.
2. FT = Five-volt tolerant. In order to sustain a voltage higher than VDD+0.3 the internal pull-up/pull-down resistors must be
disabled.
3. Hysteresis voltage between Schmitt trigger switching levels. Based on characterization, not tested in production.
4. With a minimum of 100 mV.
5. Leakage could be higher than max. if negative current is injected on adjacent pins.
6. Pull-up and pull-down resistors are designed with a true resistance in series with a switchable PMOS/NMOS. This
PMOS/NMOS contribution to the series resistance is minimum (~10% order)
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com