Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDSP16318 Datasheet(PDF) 10 Page - Mitel Networks Corporation

Part # PDSP16318
Description  ALU and Barrel Shifter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP16318 Datasheet(HTML) 10 Page - Mitel Networks Corporation

Back Button PDSP16318 Datasheet HTML 6Page - Mitel Networks Corporation PDSP16318 Datasheet HTML 7Page - Mitel Networks Corporation PDSP16318 Datasheet HTML 8Page - Mitel Networks Corporation PDSP16318 Datasheet HTML 9Page - Mitel Networks Corporation PDSP16318 Datasheet HTML 10Page - Mitel Networks Corporation PDSP16318 Datasheet HTML 11Page - Mitel Networks Corporation PDSP16318 Datasheet HTML 12Page - Mitel Networks Corporation PDSP16318 Datasheet HTML 13Page - Mitel Networks Corporation PDSP16318 Datasheet HTML 14Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
PDSP1601/PDSP1601A
10
INSTRUCTION SET
ALU Arithmetic Instructions
Function
On the rising edge of CLK at the end of the cycle in which this instruction is executing, the
A Port, B Port, ALU, Barrel Shifter, and Shift Control Registers will be loaded with zeros.
The internal registered CO will also be set to zero, and the BFP flag will be set to activate
on overflow conditions.
The A input to the ALU is inverted and a one is added to the LSB.
The A input to the ALU is inverted and the CI input is added to the LSB.
The A input to the ALU is inverted and the CO output from the ALU on the previous cycle
is added to the LSB.
The A input to the ALU is right shifted one bit position. The LSB is discarded, and the vacant
MSB is filled by duplicating the original MSB (Sign Extension).
The A input to the ALU is right shifted one bit position. The LSB is discarded, and the vacant
MSB is filled with the LSB from the ALU register.
The A input to the ALU is right shifted one bit position. The LSB is discarded, and the vacant
MSB is filled with the LSB from the ALU register.
The A input to the ALU is right shifted one bit position. The LSB is discarded, and the vacant
MSB is filled with the LSB from the B input to the ALU.
The A input to the ALU is added to the B input, and the CI input is added to the LSB.
The A input to the ALU is added to the B input, and the CO out from the ALU on the previous
cycle is added to the LSB.
The A input to the ALU is added to the inverted B input, and a one is added to the LSB.
The A input to the ALU is added to the inverted B input, and the CI input is added to the
LSB.
The A input to the ALU is added to the inverted B input, and the CO out from the ALU on
the previous cycle is added to the LSB.
The inverted A input to the ALU is added to the B input, and a one is added to the LSB.
The inverted A input to the ALU is added to the B input, and the CI input is added to the
LSB.
The inverted A input to the ALU is added to the B input, and the CO out from the ALU on
the previous cycle is added to the LSB.
Op Code
<00>
<01>
<02>
<03>
<04>
<05>
<06>
<07>
<08>
<09>
<0A>
<0B>
<0C>
<0D>
<0E>
<0F>
Mnemonic
CLRXX
MIAX1
MIAC1
MIACO
A2SGN
A2RAL
A2RAR
A2RSX
APBCI
APBCO
AMBX1
AMBCI
AMBCO
BMAX1
BMAC1
BMACO
ALU Logical Instructions
Function
The A input to the ALU is logically 'ANDed' with the B input.
The A input to the ALU is logically 'ANDed' with the inverse of the B input.
The inverse of the A input to the ALU is logically 'ANDed' with the B input.
The A input to the ALU is logically 'ORed' with the B input.
The inverse A input to the ALU is logically 'ORed' with the B input.
The A input to the ALU is logically Exclusive-ORed with the B input.
The A input to the ALU is passed to the output.
The inverse of the A input to the ALU is passed to the output.
Op Code
<10>
<11>
<12>
<13>
<14>
<15>
<16>
<17>
Mnemonic
ANXAB
ANANB
ANNAB
ORXAB
ORNAB
XORAB
PASXA
PASNA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com