Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D4G0112N-R30F Datasheet(PDF) 2 Page - Electroswitch Electronic Products

Part # D4G0112N-R30F
Description  1.437" DIAMETER 1.5 AMPS @ 28 VDC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELECTROSWITCH [Electroswitch Electronic Products]
Direct Link  https://www.electro-nc.com/
Logo ELECTROSWITCH - Electroswitch Electronic Products

D4G0112N-R30F Datasheet(HTML) 2 Page - Electroswitch Electronic Products

  D4G0112N-R30F Datasheet HTML 1Page - Electroswitch Electronic Products D4G0112N-R30F Datasheet HTML 2Page - Electroswitch Electronic Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
D
INSULATION AND PRINTED CIRCUIT BOARD TERMINAL OPTIONS
DIALLYL PHTHALATE
D4C - CERAMIC CONSTRUCTION
D4D -DIALLYL PHTHALATE CONSTRUCTION
P.C. BOARD MOUNTING PATTERN
ADDITIONAL OPTIONS AND ORDERING INFORMATION
D4 - SERIES
CUSTOM SWITCHES ARE AVAILABLE. CONTACT THE FACTORY WITH YOUR COMPLETE SPECIFICATIONS.
UNIT OF ELECTRO SWITCH CORP.
• ELECTRONIC PRODUCTS
2010 Yonkers Road
Raleigh, NC 27604
Telephone: (888) ROTARYS or (919) 833-0707
Fax: (800) 909-9171 or (919) 833-8016
25
D4
CUSTOMERS SPECIFIED ORDER NUMBER FOR STANDARD OPTIONS
(SPECIFY)
(SPECIFY)
(SPECIFY)
(SPECIFY)
(SPECIFY)
(SPECIFY) (SPECIFY)
(SPECIFY)
ADDITIONAL OPTIONS
SHAFT AS VIEWED
WITH NON-TURN LUG
AT 9 O'CLOCK AND
SHAFT IN EXTREME
CCW POSITION AND
STRUT BOLTS
ORIENTED VERTICALLY.
SHAFT
, BUSHING, AND FLAT OPTIONS
ADJUSTABLE STOP
MECHANISM
U
Y
W
Z
REMOVE STOP LUGS TO ACHIEVE
MORE POSITIONS.
R
2 DIGIT
INSULATION
TOTAL
ACTIVE
CONTACT
SERIES
TYPE
POLES
POSITIONS
TYPE
TERMINAL
INDEX
STOP
SHAFT/
SHAFT
TYPE
ANGLE
TYPE
BUSHING
FLAT
D4
G - GLASS
01 - MIN.
12 - MAX @ 30
°
N- NON
C- CERAMIC
06 - MAX @ 60
°
SHORTING
D- DIALLYL
S - SHORTING
L- SOLDER LUG
30
°
A- ADJ.
R- REAR P.C.
60
°
F - FIXED
C- CONT.
SEE
SEE
CHART
CHART
“A”
“B”
How to Order Additional Options:



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com