Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D4C0112N-R30F Datasheet(PDF) 1 Page - Electroswitch Electronic Products

Part # D4C0112N-R30F
Description  1.437" DIAMETER 1.5 AMPS @ 28 VDC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELECTROSWITCH [Electroswitch Electronic Products]
Direct Link  https://www.electro-nc.com/
Logo ELECTROSWITCH - Electroswitch Electronic Products

D4C0112N-R30F Datasheet(HTML) 1 Page - Electroswitch Electronic Products

  D4C0112N-R30F Datasheet HTML 1Page - Electroswitch Electronic Products D4C0112N-R30F Datasheet HTML 2Page - Electroswitch Electronic Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D
SPECIFICATIONS
ELECTRICAL
Current and Voltage Rating: Make and break resistive load
1.5 amps @ 28 VDC; 0.5 amp @ 115 VAC.
Current Carrying Capacity: 9 amps.
Dielectric Strength: 1,500 VAC between current carrying parts and
ground.
Contact Resistance: Average initial 3.5 milliohms.
Insulation Resistance: Glass epoxy in excess of 750,000 megohms.
Ceramic in excess of 1,000,000 megohms.
Diallyl in excess of 900,000 megohms.
Hardware: Mounting nut and lockwasher are shipped assembled.
SPECIFICATIONS AND ORDERING INFORMATION
D4 - SERIES
1.437" DIAMETER 1.5 AMPS @ 28 VDC
24
UNIT OF ELECTRO SWITCH CORP.
• ELECTRONIC PRODUCTS
2010 Yonkers Road
Raleigh, NC 27604
Telephone: (888) ROTARYS or (919) 833-0707
Fax: (800) 909-9171 or (919) 833-8016
DIMENSIONS
* FIGURES ARE SHOWN ON PAGES 55 AND 56.
STANDARD CONSTRUCTION
D4G - STANDARD GLASS EPOXY CONSTRUCTION
GLASS EPOXY INSULATION
SWITCHES - SOLDER LUG TERMINALS - 30
° INDEX - ADJUSTABLE STOPS
CERAMIC INSULATION
SWITCHES - SOLDER LUG TERMINALS - 30
° INDEX - ADJUSTABLE STOPS
STANDARD PART NUMBER
ACTIVE
POLES/
NO. OF
SHORTING
NON-
FIG.
POLES POSITIONS SECTION
SECTIONS
SHORTING
*
ACTIVE
POLES/
NO. OF
SHORTING
NON-
FIG.
POLES POSITIONS SECTION
SECTIONS
SHORTING
*
MECHANICAL
Materials and Finishes: All parts utilize non-corrosive materials
as standard.
Clips and Rotors: Brass with silver plate as standard.
Insulation: Glass epoxy, ceramic, or diallyl phthalate.
Index: Single-ball, hill and valley.
Index Life: 25,000 cycles minimum.
Index Torque: Switches have lowest practical torque consistent
with crisp detenting and smooth, reliable operation.
Index Angles: Positive 30
° standard, 60° available.
Index Stops: Adjustable standard, fixed or continuous.
Stop Strength: 10 in. lbs. minimum.
The D4 Series switch is the most economical and versatile switch in our
open frame rotary line. This series offers the quality feel of a ball and spring
index mechanism and is available with up to 12 positions and 30
° or 60°
indexing.
01
02-11
1
1
D4G0111S
D4G0111N
DA
01
02-12
1
1
D4C0112S
D4C0112N
DD
02
02-11
1
2
D4G0211S
D4G0211N
DA
02
02-12
1
2
D4C0212S
D4C0212N
DD
02
02-05
2
1
D4G0205S
D4G0205N
DG
02
02-06
2
1
D4C0206S
D4C0206N
DL
03
02-11
1
3
D4G0311S
D4G0311N
DA
03
02-12
1
3
D4C0312S
D4C0312N
DD
03
02-03
3
1
D4G0303S
D4G0303N
DM
03
02-05
3
1
D4C0305S
D4C0305N
DO
04
02-11
1
4
D4G0411S
D4G0411N
DA
04
02-12
1
4
D4C0412S
D4C0412N
DD
04
02-05
2
2
D4G0405S
D4G0405N
DG
04
02-06
2
2
D4C0406S
D4C0406N
DL
05
02-11
1
5
D4G0511S
D4G0511N
DA
05
02-12
1
5
D4C0512S
D4C0512N
DD
06
02-11
1
6
D4G0611S
D4G0611N
DA
05
02-03
5
1
D4C0503S
D4C0503N
DR
06
02-05
2
3
D4G0605S
D4G0605N
DG
06
02-12
1
6
D4C0612S
D4C0612N
DD
06
02-03
3
2
D4G0603S
D4G0603N
DM
06
02-06
2
3
D4C0606S
D4C0606N
DL
09
02-03
3
3
D4G0903S
D4G0903N
DM
06
02-05
3
2
D4C0605S
D4C0605N
DO


Similar Part No. - D4C0112N-R30F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D4C0112N ETC2-D4C0112N Datasheet
82Kb / 2P
1.437 DIAMETER 1.5 AMPS 28 VDC
More results

Similar Description - D4C0112N-R30F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C4D0112S-A ETC2-C4D0112S-A Datasheet
96Kb / 3P
1.5 DIAMETER 0.5 AMP 28 VDC
D3G0111S ETC2-D3G0111S Datasheet
81Kb / 3P
1 5/16 DIAMETER 1.5 AMPS 28 VDC
D4G0111S ETC2-D4G0111S Datasheet
82Kb / 2P
1.437 DIAMETER 1.5 AMPS 28 VDC
D5G0106S ETC2-D5G0106S Datasheet
73Kb / 2P
1.437 DIAMETER 1.5 AMPS 28 VDC
D9G0123S ETC2-D9G0123S Datasheet
76Kb / 2P
2 5/16 DIAMETER 1.5 AMPS 28 VDC
E2G0203S-1 ETC2-E2G0203S-1 Datasheet
56Kb / 2P
Lever Action 1.5 AMPS 28 VDC
E3G0402S-1 ETC2-E3G0402S-1 Datasheet
57Kb / 1P
1 1/2 DIAMETER 1.5 AMPS 28 VDC
C4D0606S-A ETC2-C4D0606S-A Datasheet
96Kb / 3P
1.5 DIAMETER 0.5 AMP 28 VDC
D6D0112S ETC2-D6D0112S Datasheet
81Kb / 3P
1.687 DIAMETER 1.5 AMPS 28 VDC
M5D0112S-A ETC2-M5D0112S-A Datasheet
61Kb / 2P
1 DIAMETER 2.0 AMPS 28 VDC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com