Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP150N04D Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP150N04D
Description  40V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP150N04D Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP150N04D Datasheet HTML 1Page - A POWER MICROELECTRONICS AP150N04D Datasheet HTML 2Page - A POWER MICROELECTRONICS AP150N04D Datasheet HTML 3Page - A POWER MICROELECTRONICS AP150N04D Datasheet HTML 4Page - A POWER MICROELECTRONICS AP150N04D Datasheet HTML 5Page - A POWER MICROELECTRONICS AP150N04D Datasheet HTML 6Page - A POWER MICROELECTRONICS AP150N04D Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP150N04D
40V N-Channel Enhancement Mode MOSFET
AP150N04D RVE1.0
臺灣永源微電子科技有限公司
Description
The AP150N04D uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a
Battery protection or in other Switching application.
General Features
VDS = 40V
ID =150 A
RDS(ON) < 2.3m
Ω @ VGS=10V
Application
Battery protection
Load switch
Uninterruptible power supply
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP150N04D
AP150N04D XXX YYYY
2500
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
40
V
VGS
Gate-Source Voltage
±20
V
ID@TC=25
℃
Continuous Drain Current, VGS @ 10V1,6
150
A
ID@TC=100
℃
Continuous Drain Current, VGS @ 10V1,6
90
A
IDM
Pulsed Drain Current2
450
A
EAS
Single Pulse Avalanche Energy3
400
mJ
IAS
Avalanche Current
40
A
PD@TC=25
℃
Total Power Dissipation4
125
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-Ambient 1
50
℃/W
RθJC
Thermal Resistance Junction-Case1
1
℃/W
TO-252-3L


Similar Part No. - AP150N04D

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP150N04HP APME-AP150N04HP Datasheet
1Mb / 8P
40V N-Channel Enhancement Mode MOSFET
REV1.1
AP150N04HPT APME-AP150N04HPT Datasheet
1Mb / 8P
40V N-Channel Enhancement Mode MOSFET
REV1.1
AP150N04HT APME-AP150N04HT Datasheet
1Mb / 8P
40V N-Channel Enhancement Mode MOSFET
REV1.1
AP150N04P APME-AP150N04P Datasheet
1Mb / 8P
40V N-Channel Enhancement Mode MOSFET
AP150N04PT APME-AP150N04PT Datasheet
1Mb / 8P
40V N-Channel Enhancement Mode MOSFET
More results

Similar Description - AP150N04D

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN4036LK3 DIODES-DMN4036LK3 Datasheet
672Kb / 8P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN4036LK3 DIODES-DMN4036LK3_10 Datasheet
651Kb / 8P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
DS32122 Rev. 2 - 2
ZXMN4A06G DIODES-ZXMN4A06G Datasheet
174Kb / 7P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
MAY 2002
ZXMN4A06K DIODES-ZXMN4A06K Datasheet
570Kb / 8P
40V N-channel enhancement mode MOSFET
MARCH 2006
ZXMN4A06G DIODES-ZXMN4A06G_15 Datasheet
676Kb / 7P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
ZXMN4A06GQ DIODES-ZXMN4A06GQ Datasheet
382Kb / 6P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMT4002LPS DIODES-DMT4002LPS Datasheet
405Kb / 7P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
DONGGUAN YOU FENG WEI E...
YFW25N04S YFWDIODE-YFW25N04S Datasheet
1Mb / 5P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW80N04AD-L YFWDIODE-YFW80N04AD-L Datasheet
1Mb / 5P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW80N04AD YFWDIODE-YFW80N04AD Datasheet
1Mb / 5P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com