Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP150N04HT Datasheet(PDF) 5 Page - A POWER MICROELECTRONICS

Part # AP150N04HT
Description  40V N-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP150N04HT Datasheet(HTML) 5 Page - A POWER MICROELECTRONICS

  AP150N04HT Datasheet HTML 1Page - A POWER MICROELECTRONICS AP150N04HT Datasheet HTML 2Page - A POWER MICROELECTRONICS AP150N04HT Datasheet HTML 3Page - A POWER MICROELECTRONICS AP150N04HT Datasheet HTML 4Page - A POWER MICROELECTRONICS AP150N04HT Datasheet HTML 5Page - A POWER MICROELECTRONICS AP150N04HT Datasheet HTML 6Page - A POWER MICROELECTRONICS AP150N04HT Datasheet HTML 7Page - A POWER MICROELECTRONICS AP150N04HT Datasheet HTML 8Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AP150N04HPIT
40V N-Channel Enhancement Mode MOSFET
AP150N04HP/T REV1.1
永源微電子科技有限公司
Package Mechanical Data-TO-220-3L-SLK
Symbol
Common
mm
Mim
Nom
Max
A
4.27
4.57
4.87
A1
1.15
1.30
1.45
A2
2.10
2.40
2.70
b
0.70
0.80
1.00
b2
1.17
1.27
1.50
D
0.40
0.50
0.65
D1
8.80
9.10
9.40
D2
5.70
6.70
7.00
E
9.70
10.00
10.30
E1
-
8.70
-
E2
9.63
10.00
10.35
E3
7.00
8.00
8.40
e
0.37
e1
0.10
H1
6.00
6.50
6.85
L
12.75
13.50
13.90
L1
-
3.10
3.40
Φp
3.45
3.60
3.75
Q
2.60
2.80
3.00
θ1
4°
7°
10°
θ2
0°
3°
6°
F
13.30
13.50
13.70
F1
15.50
15.90
16.30
F2
2.80
3.00
3.20



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com