Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP150N04P Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP150N04P
Description  40V N-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP150N04P Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP150N04P Datasheet HTML 1Page - A POWER MICROELECTRONICS AP150N04P Datasheet HTML 2Page - A POWER MICROELECTRONICS AP150N04P Datasheet HTML 3Page - A POWER MICROELECTRONICS AP150N04P Datasheet HTML 4Page - A POWER MICROELECTRONICS AP150N04P Datasheet HTML 5Page - A POWER MICROELECTRONICS AP150N04P Datasheet HTML 6Page - A POWER MICROELECTRONICS AP150N04P Datasheet HTML 7Page - A POWER MICROELECTRONICS AP150N04P Datasheet HTML 8Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AP150N04PIT
40V N-Channel Enhancement Mode MOSFET
AP150N04P/T RVE1.0
永源微電子科技有限公司
Description
The AP150N04P/T uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = 40V ID =150A
RDS(ON) < 2.9mΩ @ VGS=10V (Type:2.4mΩ)
Application
Battery protection
Load switch
Uninterruptible power supply
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP150N04P
TO-220-3L
AP150N04P XXX YYYY
1000
AP150N04T
TO-263-3L
AP150N04T XXX YYYY
800
Absolute Maximum Ratings (TC=25
℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
40
V
VGS
Gate-Source Voltage
±
20
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V1
150
A
ID@TC=100℃
Continuous Drain Current, VGS @ 10V1
102
A
IDM
Pulsed Drain Current2
576
A
EAS
Single Pulse Avalanche Energy3
576
mJ
IAS
Avalanche Current
40
A
PD@TC=25℃
Total Power Dissipation4
57
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-ambient (Steady State)1
62
℃
/W
RθJC
Thermal Resistance Junction-Case1
1.3
℃
/W


Similar Part No. - AP150N04P

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP150N04D APME-AP150N04D Datasheet
1Mb / 7P
40V N-Channel Enhancement Mode MOSFET
AP150N04HP APME-AP150N04HP Datasheet
1Mb / 8P
40V N-Channel Enhancement Mode MOSFET
REV1.1
AP150N04HPT APME-AP150N04HPT Datasheet
1Mb / 8P
40V N-Channel Enhancement Mode MOSFET
REV1.1
AP150N04HT APME-AP150N04HT Datasheet
1Mb / 8P
40V N-Channel Enhancement Mode MOSFET
REV1.1
AP150N04Y APME-AP150N04Y Datasheet
1Mb / 8P
40V N-Channel Enhancement Mode MOSFET
More results

Similar Description - AP150N04P

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN4036LK3 DIODES-DMN4036LK3 Datasheet
672Kb / 8P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN4036LK3 DIODES-DMN4036LK3_10 Datasheet
651Kb / 8P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
DS32122 Rev. 2 - 2
ZXMN4A06G DIODES-ZXMN4A06G Datasheet
174Kb / 7P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
MAY 2002
ZXMN4A06K DIODES-ZXMN4A06K Datasheet
570Kb / 8P
40V N-channel enhancement mode MOSFET
MARCH 2006
ZXMN4A06G DIODES-ZXMN4A06G_15 Datasheet
676Kb / 7P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
ZXMN4A06GQ DIODES-ZXMN4A06GQ Datasheet
382Kb / 6P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMT4002LPS DIODES-DMT4002LPS Datasheet
405Kb / 7P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
DONGGUAN YOU FENG WEI E...
YFW25N04S YFWDIODE-YFW25N04S Datasheet
1Mb / 5P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW80N04AD-L YFWDIODE-YFW80N04AD-L Datasheet
1Mb / 5P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW80N04AD YFWDIODE-YFW80N04AD Datasheet
1Mb / 5P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com