Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP150N06P Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP150N06P
Description  60V N-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP150N06P Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP150N06P Datasheet HTML 1Page - A POWER MICROELECTRONICS AP150N06P Datasheet HTML 2Page - A POWER MICROELECTRONICS AP150N06P Datasheet HTML 3Page - A POWER MICROELECTRONICS AP150N06P Datasheet HTML 4Page - A POWER MICROELECTRONICS AP150N06P Datasheet HTML 5Page - A POWER MICROELECTRONICS AP150N06P Datasheet HTML 6Page - A POWER MICROELECTRONICS AP150N06P Datasheet HTML 7Page - A POWER MICROELECTRONICS AP150N06P Datasheet HTML 8Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AP150N06PIT
60V N-Channel Enhancement Mode MOSFET
AP150N06P/T RVE1.0
永源微電子科技有限公司
Electrical Characteristics (TJ=25℃, unless otherwise noted)
Parameter
Symbol
Test condition
Min.
Typ.
Max
Unit
BVDSS
Drain-source breakdown voltage
VGS=0 V, ID=250 μA
60
65
V
VGS(th)
Gate threshold voltage
VDS=VGS, ID=250 μA
1.0
1.6
2.5
V
RDS(ON)
Drain-source on-state resistance
VGS=10 V, ID=20 A
4.2
6
mΩ
RDS(ON)
Drain-source on-state resistance
VGS=4.5 V, ID=10 A
6.4
10
mΩ
IGSS
Gate-source leakage current
VGS=±20 V
±100
nA
IDSS
Drain-source leakage current
VDS=60 V, VGS=0 V
1
μA
Rg
Gate Resistance
f=1MHz, Open drain
2.8
Ω
Ciss
Input capacitance
VGS=0 V,
VDS=50 V,
ƒ=100 kHz
2136
pF
Coss
Output capacitance
331.5
pF
Crss
Reverse transfer capacitance
10.6
pF
td(on)
Turn-on delay time
VGS=10 V,
VDS=50 V,
RG=2 Ω,
ID=25 A
22.9
ns
tr
Rise time
6.5
ns
td(off)
Turn-off delay time
45.7
ns
tf
Fall time
20.4
ns
Qg
Total gate charge
ID=25 A,
VDS=50 V,
VGS=10 V
30
nC
Qgs
Gate-source charge
5.8
nC
Qgd
Gate-drain charge
6.1
nC
Vplateau
Gate plateau voltage
3.6
V
VSD
Diode forward voltage
IS=20 A, VGS=0 V
1.3
V
trr
Reverse recovery time
IS=25A,
di/dt=100 A/μs
50.3
ns
Qrr
Reverse recovery charge
45.1
nC
Irrm
Peak reverse recovery current
1.5
A
Note
1、The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width
≦ 300us , duty cycle ≦ 2%
3、The EAS data shows Max. rating . The test condition is VDD=25V,VGS=10V,L=0.1mH,IAS=15A
4、The power dissipation is limited by 150
℃ junction temperature
5、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com