Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP150P01NF Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP150P01NF
Description  -18V P-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP150P01NF Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP150P01NF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP150P01NF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP150P01NF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP150P01NF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP150P01NF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP150P01NF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP150P01NF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP150P01NF
-18V P-Channel Enhancement Mode MOSFET
AP150P01NF REV1.0
永源微电子科技有限公司
Electrical Characteristics (TJ=25
℃, unless otherwise noted)
Symbol
Parameter
Test Condition
Min
Type
Max
Units
VDS
Drain-source breakdown voltage
VGS=0V, ID = -250μA
-12
-18
-
V
VGS(th)
Gate-source threshold voltage
VDS=VGS, ID=-250μA
-0.5
-0.75
-1.4
V
IGSS
Gate-source leakage
VDS=0V, VGS=±12V
-
-
± 100
nA
IDSS
Zero gate voltage drain current
VDS=-12V, VGS=0V
-
-
-1
μA
RDS(on)
Drain-source on-state resistance
VGS=-4.5V, ID=-20A
-
1.7
2.2
RDS(on)
Drain-source on-state resistance
VGS=-2.5V, ID=-15A
-
2.7
3.2
gfs
Forward transconductance a
VDS=-10V, ID=-25A
-
120
-
S
Ciss
Input capacitance
VDS=-10V, VGS=0V, f=1MHz
-
22000
-
pF
Coss
Output capacitance
-
2470
-
pF
Crss
Reverse transfer capacitance
-
2515
-
pF
Qg
Total gate charge
VDS=-10V, VGS=-4.5V,
ID =-20A
-
202.5
nC
Qgs
Gate-source charge
-
32.5
-
nC
Qgd
Gate-drain charge
-
51.5
-
nC
Rg
Gate resistance
f=1MHz
0.8
1.5
2.5
Ω
td(on)
Turn-on delay time
VDD=-10V, RL=1Ω
ID=-10A,VGEN=-10V, Rg=1Ω
-
20
40
ns
tr
Rise time
-
14
28
ns
td(on)
Turn-on delay time
VDD=-10V, RL=1Ω,ID=-10 A,
VGEN=-4.5V, Rg=1Ω
-
115
200
ns
td(off)
Turn-off delay time
-
230
390
ns
IS
Continuous source-drain diode current
TC = 25 °C
-
-
-150
A
ISM
Pulse diode forward current
-
-
-450
VSD
Body diode voltage
IS = -5 A, VGS = 0 V
-
-0.64
-1.1
V
trr
Body diode reverse recovery time
IF=-10A, di/dt=100A/μs,
TJ =25°C
-
88
140
ns
Qrr
Body diode reverse recovery charge
-
120
200
nC
Note :
1、The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%
3、The EAS data shows Max. rating . The test condition is VDD=-16V,VGS=-4.5V,L=0.1mH,IAS=-50A
4、The power dissipation is limited by 150℃ junction temperature
5、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com