Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP150P03D Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP150P03D
Description  -30V P-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP150P03D Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP150P03D Datasheet HTML 1Page - A POWER MICROELECTRONICS AP150P03D Datasheet HTML 2Page - A POWER MICROELECTRONICS AP150P03D Datasheet HTML 3Page - A POWER MICROELECTRONICS AP150P03D Datasheet HTML 4Page - A POWER MICROELECTRONICS AP150P03D Datasheet HTML 5Page - A POWER MICROELECTRONICS AP150P03D Datasheet HTML 6Page - A POWER MICROELECTRONICS AP150P03D Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP150P03D
-30V P-Channel Enhancement Mode MOSFET
AP150P03D REV1.0
永源微電子科技有限公司
Description
The AP150P03D uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = -30V ID =-150A
RDS(ON) <3.2mΩ @ VGS=-10V (Type:2.3mΩ)
Application
Lithium battery protection
Wireless impact
Mobile phone fast charging
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP150P03D
TO-252-3L
AP150P03D XXX YYYY
2500
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-30
V
VGS
Gate-Source Voltage
±20
V
ID@TC=25℃
Continuous Drain Current, VGS @ -10V1
-150
A
ID@TC=100℃
Continuous Drain Current, VGS @ -10V1
-125
A
IDM
Pulsed Drain Current2
-540
A
EAS
Single Pulse Avalanche Energy3
650
mJ
IAS
Avalanche Current
-70
A
PD@TC=25℃
Total Power Dissipation4
300
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-Ambient 1
62.5
℃
/W
RθJC
Thermal Resistance Junction-Case1
0.47
℃
/W


Similar Part No. - AP150P03D

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP150P03NF APME-AP150P03NF Datasheet
1Mb / 7P
-30V P-Channel Enhancement Mode MOSFET
AP150P03P APME-AP150P03P Datasheet
1Mb / 8P
-30V P-Channel Enhancement Mode MOSFET
AP150P03PT APME-AP150P03PT Datasheet
1Mb / 8P
-30V P-Channel Enhancement Mode MOSFET
AP150P03T APME-AP150P03T Datasheet
1Mb / 8P
-30V P-Channel Enhancement Mode MOSFET
More results

Similar Description - AP150P03D

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X Datasheet
205Kb / 7P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM4835 TSC-TSM4835 Datasheet
172Kb / 5P
30V P-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X_05 Datasheet
331Kb / 7P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP3A16N8 DIODES-ZXMP3A16N8 Datasheet
159Kb / 8P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
MAY 2007
logo
Pan Jit International I...
PJA87P03 PANJIT-PJA87P03 Datasheet
2Mb / 6P
30V P-Channel ENHANCEMENT MODE MOSFET
logo
Formosa MS
FMS2303 FORMOSA-FMS2303 Datasheet
1Mb / 8P
30V P-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTP452M3 CYSTEKEC-MTP452M3 Datasheet
285Kb / 8P
30V P-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP3068L DIODES-DMP3068L_15 Datasheet
348Kb / 6P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP32D4S DIODES-DMP32D4S_15 Datasheet
335Kb / 6P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
logo
TECH PUBLIC Electronics...
IRF7316 TECHPUBLIC-IRF7316 Datasheet
2Mb / 5P
-30V PP-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com