Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP150P04D Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP150P04D
Description  -40V P-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP150P04D Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP150P04D Datasheet HTML 1Page - A POWER MICROELECTRONICS AP150P04D Datasheet HTML 2Page - A POWER MICROELECTRONICS AP150P04D Datasheet HTML 3Page - A POWER MICROELECTRONICS AP150P04D Datasheet HTML 4Page - A POWER MICROELECTRONICS AP150P04D Datasheet HTML 5Page - A POWER MICROELECTRONICS AP150P04D Datasheet HTML 6Page - A POWER MICROELECTRONICS AP150P04D Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP150P04D
-40V P-Channel Enhancement Mode MOSFET
AP150P04D REV1.0
永源微電子科技有限公司
Description
The AP150P04D uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = -40V ID =-150 A
RDS(ON) < 3.8mΩ @ VGS=-10V (Type:3.1mΩ)
Application
Battery protection
Load switch
Uninterruptible power supply
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP150P04D
TO-252-3L
AP150P04D XXX YYYY
2500
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-40
V
VGS
Gate-Source Voltage
±
20
V
ID@TC=25℃
Continuous Drain Current, VGS @ -10V1
-150
A
ID@TC=100℃
Continuous Drain Current, VGS @ -10V1
-110
A
IDM
Pulsed Drain Current2
-540
A
EAS
Single Pulse Avalanche Energy3
1020
mJ
IAS
Avalanche Current
-80
A
PD@TC=25℃
Total Power Dissipation4
350
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-Ambient 1
62.5
℃
/W
RθJC
Thermal Resistance Junction-Case1
0.9
℃
/W


Similar Part No. - AP150P04D

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP150P01NF APME-AP150P01NF Datasheet
843Kb / 7P
-18V P-Channel Enhancement Mode MOSFET
REV1.0
AP150P02D APME-AP150P02D Datasheet
787Kb / 7P
-20V P-Channel Enhancement Mode MOSFET
REV1.0
AP150P02NF APME-AP150P02NF Datasheet
1Mb / 7P
-20V P-Channel Enhancement Mode MOSFET
AP150P03D APME-AP150P03D Datasheet
734Kb / 7P
-30V P-Channel Enhancement Mode MOSFET
REV1.0
AP150P03NF APME-AP150P03NF Datasheet
1Mb / 7P
-30V P-Channel Enhancement Mode MOSFET
More results

Similar Description - AP150P04D

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP4051LK3 DIODES-DMP4051LK3_10 Datasheet
673Kb / 8P
40V P-CHANNEL ENHANCEMENT MODE MOSFET
DS32114 Rev. 2 - 2
ZXMP4A16G DIODES-ZXMP4A16G Datasheet
277Kb / 7P
40V P-CHANNEL ENHANCEMENT MODE MOSFET
JULY 2003
ZXMP4A16K DIODES-ZXMP4A16K Datasheet
582Kb / 8P
40V P-channel enhancement mode MOSFET
MARCH 2006
DMP4050SSS DIODES-DMP4050SSS_15 Datasheet
676Kb / 8P
40V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
logo
Shanghai Leiditech Elec...
LM3L5P04 LEIDITECH-LM3L5P04 Datasheet
1Mb / 5P
-40V P-Channel Enhancement Mode MOSFET
logo
DONGGUAN YOU FENG WEI E...
YFW40P04DF YFWDIODE-YFW40P04DF Datasheet
1Mb / 5P
-40V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
logo
Pan Jit International I...
PJL9421 PANJIT-PJL9421 Datasheet
605Kb / 6P
40V P-Channel Enhancement Mode MOSFET
May 12,2017-REV.00
PJQ4441P-AU PANJIT-PJQ4441P-AU Datasheet
792Kb / 6P
40V P-Channel Enhancement Mode MOSFET
January 26,2022 PJQ4441P-AU-REV.01
PJQ4441P PANJIT-PJQ4441P Datasheet
792Kb / 6P
40V P-Channel Enhancement Mode MOSFET
January 26,2022 PJQ4441P-REV.01
PJQ5453 PANJIT-PJQ5453 Datasheet
595Kb / 6P
40V P-Channel Enhancement Mode MOSFET
May 9,2019-REV.00
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com