Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB75NF75T4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB75NF75T4
Description  N-channel 75V - 0.0095Ω - 80A - TO-220 - TO-220FP - D2PAK STripFET??II Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB75NF75T4 Datasheet(HTML) 1 Page - STMicroelectronics

  STB75NF75T4 Datasheet HTML 1Page - STMicroelectronics STB75NF75T4 Datasheet HTML 2Page - STMicroelectronics STB75NF75T4 Datasheet HTML 3Page - STMicroelectronics STB75NF75T4 Datasheet HTML 4Page - STMicroelectronics STB75NF75T4 Datasheet HTML 5Page - STMicroelectronics STB75NF75T4 Datasheet HTML 6Page - STMicroelectronics STB75NF75T4 Datasheet HTML 7Page - STMicroelectronics STB75NF75T4 Datasheet HTML 8Page - STMicroelectronics STB75NF75T4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
February 2007
Rev 8
1/16
16
Order codes
Part number
Marking
Package
Packaging
STB75NF75T4
B75NF75
D²PAK
Tape & reel
STP75NF75
P75NF75
TO-220
Tube
STP75NF75FP
P75NF75
TO-220FP
Tube
STB75NF75
STP75NF75 - STP75NF75FP
N-channel 75V - 0.0095
Ω - 80A - TO-220 - TO-220FP - D2PAK
STripFET™ II Power MOSFET
General features
■ Exceptional dv/dt capability
■ 100% avalanche tested
Description
This Power MOSFET series realized with
STMicroelectronics unique STripFET™ process
has specifically been designed to minimize input
capacitance and gate charge. It is therefore
suitable as primary switch in advanced high-
efficiency, high-frequency isolated DC-DC
converters for Telecom and Computer
applications. It is also intended for any
applications with low gate drive requirements.
Applications
■ Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STB75NF75
75V
<0.011
Ω
80A(1)
STP75NF75
75V
<0.011
Ω
80A(1)
STP75NF75FP
75V
<0.011
Ω
80A(1)
1.
Current limited by package
1
2
3
TO-220
TO-220FP
D²PAK
1
3
1
2
3
www.st.com


Similar Part No. - STB75NF75T4

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STB75NF75T4 ISC-STB75NF75T4 Datasheet
322Kb / 2P
Isc N-Channel MOSFET Transistor
More results

Similar Description - STB75NF75T4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB75NF75 STMICROELECTRONICS-STB75NF75 Datasheet
473Kb / 11P
N-CHANNEL 75V - 0.0095 ohm - 80A TO-220/TO-220FP/D²PAK STripFET™ II POWER MOSFET
27-Feb-2007
STB85NF55L STMICROELECTRONICS-STB85NF55L Datasheet
370Kb / 10P
N-CHANNEL 55V - 0.0060 ohm - 80A D2PAK/TO-220 STripFET™ II POWER MOSFET
Sep-2002
STP80NF03L-04-1 STMICROELECTRONICS-STP80NF03L-04-1 Datasheet
360Kb / 11P
N-CHANNEL 30V - 0.0035ohm - 80A D2PAK/I2PAK/TO-220 STripFET™ II POWER MOSFET
Feb-2003
STP80NF55L-08 STMICROELECTRONICS-STP80NF55L-08 Datasheet
320Kb / 8P
N-CHANNEL 55V - 0.0065ohm - 80A - TO-220/D2PAK STripFET™ II POWER MOSFET
Apr-2003
STP80NF75L STMICROELECTRONICS-STP80NF75L Datasheet
368Kb / 11P
N-CHANNEL 75V - 0.008 ohm - 80A TO-220/D2PAK/I2PAK STripFET™ II POWER MOSFET
Nov-2001
STP80NF06 STMICROELECTRONICS-STP80NF06 Datasheet
303Kb / 14P
N-CHANNEL 60V - 0.0065OHM - 80A TO-220/D2PAK/TO-247 STripFET II POWER MOSFET
17-Aug-2006
STP60NF10 STMICROELECTRONICS-STP60NF10 Datasheet
227Kb / 10P
N-CHANNEL 100V - 0.019ohm - 80A D2PAK/TO-220 STripFET II POWER MOSFET
May-2005
STP45NF3LL STMICROELECTRONICS-STP45NF3LL_06 Datasheet
357Kb / 16P
N-channel 30V - 0.014ohm - 45A TO-220 - TO-220FP - D2PAK STripFET II power MOSFET
09-Aug-2006
STP80NF06 STMICROELECTRONICS-STP80NF06_07 Datasheet
314Kb / 14P
N-channel 60V - 0.0065 - 80A TO-220/D2PAK/TO-247 STripFET II Power MOSFET
03-May-2007
logo
New Jersey Semi-Conduct...
STP75NF75FP NJSEMI-STP75NF75FP Datasheet
98Kb / 3P
N-channel 75V - 0.0095Q- 80A - TO-220 - TO-220FP - D2PAK STripFET??II Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com