Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDSP16116 Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # PDSP16116
Description  Complex Accumulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP16116 Datasheet(HTML) 1 Page - Mitel Networks Corporation

  PDSP16116 Datasheet HTML 1Page - Mitel Networks Corporation PDSP16116 Datasheet HTML 2Page - Mitel Networks Corporation PDSP16116 Datasheet HTML 3Page - Mitel Networks Corporation PDSP16116 Datasheet HTML 4Page - Mitel Networks Corporation PDSP16116 Datasheet HTML 5Page - Mitel Networks Corporation PDSP16116 Datasheet HTML 6Page - Mitel Networks Corporation PDSP16116 Datasheet HTML 7Page - Mitel Networks Corporation PDSP16116 Datasheet HTML 8Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PDSP16318/13618A
1
Supersedes version in December 1993 Digital Video & DSP IC Handbook, HB3923-1
DS3708 - 2.4 September 1996
PDSP16318/PDSP16318A
Complex Accumulator
Advance Information
Fig. 2 PDSP16318 simplified block diagram
The PDSP16318 contains two independent 20-bit Adder/
Subtractors combined with accumulator registers and shift
structures. The four port architecture permits full 20MHz
throughout in FFT and filter applications.
Two PDSP16318As combined with a single PDSP16112A
Complex Multiplier provide a complete arithmetic solution for
a Radix 2 DIT FFT Butterfly. A new complex Butterfly result
can be generated every 50ns allowing 1K complex FFTs to be
executed in 256µs.
FEATURES
s
Full 20MHz Throughout in FFT Applications
s
Four Independent 16-bit I/O Ports
s
20-bit Addition or Accumulation
s
Fully Compatible with PDSP16112 Complex Multiplier
s
On Chip Shift Structures for Result Scaling
s
Overflow Detection
s
Independent Three-State Outputs and Clock
Enables for 2 Port 20MHz Operation
s
1.4 micron CMOS
s
500mW Maximum Power Dissipation
s
84 Pin PGA or QFP packages
1
2
3
4
5
6
7
8
9
10
11
L
K
J
H
G
F
E
D
C
B
A
PIN 1A INDEX MARK
ON TOP SURFACE
AC84
Fig.1 Pin connections - bottom view (AC84 - PGA)
APPLICATIONS
s
High speed Complex FFT or DFTs
s
Complex Finite Impulse Response (FIR) Filtering
s
Complex Conjugation
s
Complex Correlation/Convolution
ASSOCIATED PRODUCTS
PDSP16112 16 x 12 Complex Multiplier
PDSP16116 16 x 16 Complex Multiplier
PDSP1601
ALU and Barrel Shifter
PDSP16330 Pythagoras Processor


Similar Part No. - PDSP16116

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
PDSP16116 MITEL-PDSP16116 Datasheet
270Kb / 17P
16 X 16 Bit Complex Multiplier
logo
Zarlink Semiconductor I...
PDSP16116 ZARLINK-PDSP16116 Datasheet
121Kb / 16P
ALU and Barrel Shifter
PDSP16116 ZARLINK-PDSP16116 Datasheet
149Kb / 18P
16 by 16 Bit Complex Multiplier
PDSP16116 ZARLINK-PDSP16116 Datasheet
91Kb / 7P
Complex Accumulator
PDSP16116 ZARLINK-PDSP16116 Datasheet
98Kb / 7P
Pythagoras Processor
More results

Similar Description - PDSP16116

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMC7G20US60 FAIRCHILD-FMC7G20US60 Datasheet
650Kb / 9P
Compact & Complex Module
FMS6G10US60 FAIRCHILD-FMS6G10US60 Datasheet
794Kb / 10P
Compact & Complex Module
FMS6G15US60 FAIRCHILD-FMS6G15US60 Datasheet
738Kb / 10P
Compact & Complex Module
logo
Zarlink Semiconductor I...
PDSP16318 ZARLINK-PDSP16318 Datasheet
91Kb / 7P
Complex Accumulator
PDSP16318MC ZARLINK-PDSP16318MC Datasheet
92Kb / 8P
Complex Accumulator
logo
Diodes Incorporated
CTA2N1P DIODES-CTA2N1P_1 Datasheet
124Kb / 7P
COMPLEX TRANSISTOR ARRAY
DS30295 Rev. 6 - 2
CTA2P1N DIODES-CTA2P1N_1 Datasheet
715Kb / 7P
COMPLEX TRANSISTOR ARRAY
DS30296 Rev. 7 - 2
logo
Cystech Electonics Corp...
MBNP01Q40Q8 CYSTEKEC-MBNP01Q40Q8 Datasheet
467Kb / 11P
Complex Transistors
logo
Xilinx, Inc
XC5VLX30 XILINX-XC5VLX30 Datasheet
319Kb / 13P
Optional adder, subtracter, and accumulator
logo
PHOENIX CONTACT
2701383 PHOENIX-2701383 Datasheet
51Kb / 2P
Battery / accumulator - HMI BATTERY
09/12/2020
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com