Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3DB-AFGC Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # R3DB-AFGC
Description  performance oval LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

R3DB-AFGC Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  R3DB-AFGC Datasheet HTML 1Page - Everlight Electronics Co., Ltd R3DB-AFGC Datasheet HTML 2Page - Everlight Electronics Co., Ltd R3DB-AFGC Datasheet HTML 3Page - Everlight Electronics Co., Ltd R3DB-AFGC Datasheet HTML 4Page - Everlight Electronics Co., Ltd R3DB-AFGC Datasheet HTML 5Page - Everlight Electronics Co., Ltd R3DB-AFGC Datasheet HTML 6Page - Everlight Electronics Co., Ltd R3DB-AFGC Datasheet HTML 7Page - Everlight Electronics Co., Ltd R3DB-AFGC Datasheet HTML 8Page - Everlight Electronics Co., Ltd R3DB-AFGC Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Technical Data Sheet
3474AN/R3DB-AFGC/XR/MS
Everlight Electronics Co., Ltd.
http\\:www.everlight.com
Rev 1
Page: 1 of 10
Device Number : DT1-347-020
Prepared date: 03-10-20088
Prepared by: Grace Shen
Features
․High luminous intensity output
․Oval Shape
․Well defined spatial radiation
․Wide viewing angle (2θ1/2) : 110
o / 50 o
․UV resistant epoxy
․The product itself will remain within RoHS compliant version
Descriptions
․This precision optical performance oval LED is specifically
designed for passenger information signs
․This lamp has matched radiation patterns with yellow, blue
or green mixing color applications
Applications
․Color Graphic Signs
․Message boards
․Variable message signs (VMS)
․Commercial outdoor advertising
Device Selection Guide
LED Part No.
Chip Material Emitted Color
Lens Color
Stopper
3474AN/R3DB-AFGC/R/MS
No
3474AN/R3DB-AFGC/PR/MS
AlGaInP
Brilliant Red
Red Diffused
Yes


Similar Part No. - R3DB-AFGC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
R3DB-AGHC EVERLIGHT-R3DB-AGHC Datasheet
102Kb / 10P
performance oval LED
R3DB-AGKB EVERLIGHT-R3DB-AGKB Datasheet
93Kb / 6P
This precision optical performance oval LED is specifically designed for passenger information signs
R3DB-AHKB EVERLIGHT-R3DB-AHKB Datasheet
93Kb / 6P
This precision optical performance oval LED is specifically designed for passenger information signs
More results

Similar Description - R3DB-AFGC

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-RG10 HP-HLMP-RG10 Datasheet
274Kb / 8P
4 mm Oval Precision Optical Performance LED Lamps
logo
Everlight Electronics C...
3474AN EVERLIGHT-3474AN Datasheet
118Kb / 10P
performance oval LED
GADB-AKMA EVERLIGHT-GADB-AKMA Datasheet
117Kb / 10P
performance oval LED
R3DB-AGHC EVERLIGHT-R3DB-AGHC Datasheet
102Kb / 10P
performance oval LED
BADC-AFGA EVERLIGHT-BADC-AFGA Datasheet
118Kb / 10P
performance oval LED
GADC-AKMA EVERLIGHT-GADC-AKMA Datasheet
117Kb / 10P
performance oval LED
R3DC-AEFC EVERLIGHT-R3DC-AEFC Datasheet
108Kb / 10P
performance oval LED
R3DC-AGHC EVERLIGHT-R3DC-AGHC Datasheet
127Kb / 10P
performance oval LED
logo
Unity Opto Technology
MVL-63XXX UOT-MVL-63XXX Datasheet
151Kb / 16P
OVAL PRECISION OPTICAL PERFORMANCE LED LAMPs
logo
Marktech Corporate
C4SMK MARKTECH-C4SMK_15 Datasheet
605Kb / 9P
Oval LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com