Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTV10B Datasheet(PDF) 2 Page - Vishay Siliconix

Part # PTV10B
Description  Surface Mount Power Voltage-Regulating Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PTV10B Datasheet(HTML) 2 Page - Vishay Siliconix

  PTV10B Datasheet HTML 1Page - Vishay Siliconix PTV10B Datasheet HTML 2Page - Vishay Siliconix PTV10B Datasheet HTML 3Page - Vishay Siliconix PTV10B Datasheet HTML 4Page - Vishay Siliconix PTV10B Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PTV3.9B thru PTV36B
www.vishay.com
Vishay General Semiconductor
Revision: 25-Apr-2022
2
Document Number: 88484
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Mounted on PCB with 5.0 mm x 5.0 mm copper pad areas attached to each terminal
(2) Mounted on minimum recommended pad layout
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PART NUMBER
DEVICE
MARKING
CODE
ZENER VOLTAGE RANGE
TEST
CURRENT
MAXIMUM ZENER
DYNAMIC IMPEDANCE
MAXIMUM REVERSE
LEAKAGE CURRENT
VZ AT IZT
IZT
ZZT AT IZT
IR at VR
VmA
Ω
μA
V
MIN.
NOM.
MAX.
MAX.
MAX.
PTV 3.9B
VB
3.9
4.2
4.4
40
15
20
1.0
PTV 4.3B
VC
4.3
4.6
4.8
40
15
20
1.0
PTV 4.7B
VD
4.7
5.0
5.2
40
10
20
1.0
PTV 5.1B
VE
5.1
5.4
5.7
40
8
20
1.0
PTV 5.6B
VF
5.6
6.0
6.3
40
8
20
1.5
PTV 6.2B
VG
6.2
6.6
7.0
40
6
20
3.0
PTV 6.8B
VH
6.8
7.3
7.7
40
6
50
3.5
PTV 7.5B
VI
7.5
8.0
8.4
40
4
20
4.0
PTV 8.2B
VJ
8.2
8.8
9.3
40
4
20
5.0
PTV 9.1B
VK
9.1
9.7
10.2
40
6
20
6.0
PTV 10B
VL
10.0
10.6
11.2
40
6
10
7.0
PTV 11B
VM
11.0
11.7
12.3
20
8
10
8.0
PTV 12B
VN
12.0
12.8
13.5
20
8
10
9.0
PTV 13B
VO
13.3
14.2
15.0
20
10
10
10.0
PTV 15B
VP
14.7
15.6
16.5
20
10
10
11.0
PTV 16B
VQ
16.2
17.3
18.3
20
12
10
12.0
PTV 18B
VR
18.0
19.2
20.3
20
12
10
13.0
PTV 20B
VS
20.0
21.2
22.4
20
14
10
15.0
PTV 22B
VT
22.0
23.3
24.5
10
14
10
17.0
PTV 24B
VU
24.0
25.8
27.6
10
16
10
19.0
PTV 27B
VV
27.0
28.9
30.8
10
16
10
21.0
PTV 30B
VX
30.0
32.0
34.0
10
18
10
23.0
PTV 33B
VY
33.0
35.0
37.0
10
18
10
25.0
PTV 36B
VZ
36.0
38.0
40.0
10
20
10
27.0
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Typical thermal resistance, junction to lead (1)
RθJL
50
°C/W
Typical thermal resistance, junction to ambient (2)
RθJA
208
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
PTV7.5B-M3/84A
0.024
84A
3000
7" diameter plastic tape and reel
PTV7.5B-M3/85A
0.024
85A
10 000
13" diameter plastic tape and reel



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com