Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP200N11P Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP200N11P
Description  110V N-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP200N11P Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP200N11P Datasheet HTML 1Page - A POWER MICROELECTRONICS AP200N11P Datasheet HTML 2Page - A POWER MICROELECTRONICS AP200N11P Datasheet HTML 3Page - A POWER MICROELECTRONICS AP200N11P Datasheet HTML 4Page - A POWER MICROELECTRONICS AP200N11P Datasheet HTML 5Page - A POWER MICROELECTRONICS AP200N11P Datasheet HTML 6Page - A POWER MICROELECTRONICS AP200N11P Datasheet HTML 7Page - A POWER MICROELECTRONICS AP200N11P Datasheet HTML 8Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AP200N11PIT
110V N-Channel Enhancement Mode MOSFET
AP200N10P/T REV1.0
永源微電子科技有限公司
Electrical Characteristics (TC=25℃unless otherwise noted)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-Source Breakdown Voltage
ID=250mA, VGS=0V
110
118
V
IDSS
Zero Gate Voltage Drain Current
VDS=80V, VGS=0V
1.0
mA
VDS=80V, VGS=0V TJ=55°C
5.0
IGSS
Gate-Body Leakage Current
VDS=0V, VGS=±20V
±100
nA
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=250mA
2.5
3.2
4.3
V
RDS(ON)
Static Drain-Source ON-Resistance
VGS=10V, ID=20A
3.1
3.7
mΩ
Gfs
Forward Transconductance
VDS=5V, ID=20A
36
S
Ciss
Input Capacitance
VGS=0V, VDS=50V, f=1MHz
5972
pF
Coss
Output Capacitance
1181
pF
Crss
Reverse Transfer Capacitance
43
pF
Rg
Gate Resistance
VGS=0V, VDS=0V, f=1MHz
2.1
Ω
Qg
Total Gate Charge (@ VGS = 10V)
VGS= 0 to 10V
VDS=50V, ID=20A
95
nC
Qg
Total Gate Charge (@ VGS = 6V)
62
nC
Qgs
Gate Source Charge
33
nC
Qgd
Gate Drain Charge
25
nC
tD(on)
Turn-On DelayTime
VGS=10V, VDS=50V
RL=2.5W, RGEN=3W
22
ns
tr
Turn-On Rise Time
31
ns
tD(off)
Turn-Off DelayTime
48
ns
tf
Turn-Off Fall Time
30
ns
trr
Body Diode Reverse Recovery Time
IF=15A, dIF/dt=100A/ms
74
ns
Qrr
Body Diode Reverse Recovery Charge
IF=15A, dIF/dt=100A/ms
169
nC
VSD
Diode Forward Voltage
IS=1A, VGS=0V
0.70
1.2
V
IS
Diode Continuous Current
TC = 25°C
240
A
Note :
1、The data tested by surface mounted on a 1 inch 2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width
≦ 300us , duty cycle ≦ 2%
3、The EAS data shows Max. rating . The test condition is VDD=50V,VGS=10V, L=0.3mH IAS=53A
4、The power dissipation is limited by 150
℃ junction temperature
5、The data is theoretically the same as I D and I DM , in real applications , should be limited by total power dissipation



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com