Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP200N12F Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP200N12F
Description  120V N-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP200N12F Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP200N12F Datasheet HTML 1Page - A POWER MICROELECTRONICS AP200N12F Datasheet HTML 2Page - A POWER MICROELECTRONICS AP200N12F Datasheet HTML 3Page - A POWER MICROELECTRONICS AP200N12F Datasheet HTML 4Page - A POWER MICROELECTRONICS AP200N12F Datasheet HTML 5Page - A POWER MICROELECTRONICS AP200N12F Datasheet HTML 6Page - A POWER MICROELECTRONICS AP200N12F Datasheet HTML 7Page - A POWER MICROELECTRONICS AP200N12F Datasheet HTML 8Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AP200N12F
120V N-Channel Enhancement Mode MOSFET
AP200N12F REV1.0
永源微電子科技有限公司
Description
The AP200N12F uses advanced APM-SGTⅠtechnology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 10V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = 120V ID =200A
RDS(ON) < 4.2mΩ @ VGS=10V (Type:3.7mΩ)
Application
BMS
UPS
Power Mana
gement Switches
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP200N12F
TO-220F-3L
AP200N12F XXX YYYY
1000
Absolute Maximum Ratings (TC=25
℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
120
V
VGS
Gate-Source Voltage
±20
V
ID@TC=25
℃
Continuous Drain Current, VGS @ 10V
200
A
ID@TC=100
℃
Continuous Drain Current, VGS @ 10V
150
A
IDM
Pulsed Drain Current
600
A
EAS
Single Pulse Avalanche Energy
530
mJ
IAS
Avalanche Current
45
A
PD@TC=25
℃
Total Power Dissipation4
240
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-Ambient
0.75
℃/W
RθJC
Thermal Resistance Junction-Case
62
℃
/W


Similar Part No. - AP200N12F

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP200N12F APME-AP200N12F Datasheet
864Kb / 10P
120V N-Channel Enhancement Mode MOSFET
REV1.1
More results

Similar Description - AP200N12F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP32N12V2 FAIRCHILD-FQP32N12V2 Datasheet
857Kb / 10P
120V N-Channel MOSFET
FQB32N12V2 FAIRCHILD-FQB32N12V2 Datasheet
649Kb / 9P
120V N-Channel MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
GOOD-ARK Electronics
SSS1206 GOOD-ARK-SSS1206 Datasheet
1Mb / 7P
120V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com