Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74HC166 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC166
Description  High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC166 Datasheet(HTML) 5 Page - Texas Instruments

  CD74HC166 Datasheet HTML 1Page - Texas Instruments CD74HC166 Datasheet HTML 2Page - Texas Instruments CD74HC166 Datasheet HTML 3Page - Texas Instruments CD74HC166 Datasheet HTML 4Page - Texas Instruments CD74HC166 Datasheet HTML 5Page - Texas Instruments CD74HC166 Datasheet HTML 6Page - Texas Instruments CD74HC166 Datasheet HTML 7Page - Texas Instruments CD74HC166 Datasheet HTML 8Page - Texas Instruments CD74HC166 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
MR Pulse Width
(Figure 1)
tw
2
100
-
125
-
150
-
ns
4.5
20
-
25
-
30
-
ns
6
17-21
-26-
ns
Clock Pulse Width
(Figure 1)
tW
2
80
-
100
-
120
-
ns
4.5
16
-
20
-
24
-
ns
6
14-17
-20-
ns
Set-up Time
Data and CE to Clock
(Figure 5)
tSU
2
80
-
100
-
120
-
ns
4.5
16
-
20
-
24
-
ns
6
14-17
-20-
ns
Hold Time
Data to Clock
(Figure 5)
tH
2
1
-1-1-
ns
4.5
1-1-1-
ns
6
1
-1-1-
ns
Removal Time
MR to Clock
(Figure 5)
tREM
2
0
-0-0-
ns
4.5
0-0-0-
ns
6
0
-0-0-
ns
Set-up Time
PE to CP
(Figure 5)
tSU
2
145
-
180
-
220
-
ns
4.5
29
-
36
-
44
-
ns
6
25-31
-38-
ns
Hold Time
PE to CP or CE
(Figure 5)
tH
2
0
-0-0-
ns
4.5
0-0-0-
ns
6
0
-0-0-
ns
HCT TYPES
Clock Frequency (Figure 2)
fMAX
4.5
25
-
20
-
16
-
MHz
MR Pulse Width (Figure 2)
tw
4.5
35
-
44
-
53
-
ns
Clock Pulse Width (Figure 2)
tw
4.5
20
-
25
-
30
-
ns
Set-up Time Data and CE to
Clock (Figure 6)
tSU
4.5
16
-
20
-
24
-
ns
Hold Time Data to Clock
(Figure 6)
tH
4.5
0-0-0-
ns
Removal Time MR to Clock
(Figure 6)
tREM
4.5
0-0-0-
ns
Set-up Time PE to CP (Figure 6)
tSU
4.5
30
-
38
-
45
-
ns
Hold Time PE to CP or CE
(Figure 6)
tH
4.5
0-0-0-
ns
Switching Specifications Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
TYP
MAX
MAX
MAX
HC TYPES
Propagation Delay,
Clock to Output (Figure 3)
tPLH, tPHL
CL = 50pF
2
-
160
200
240
ns
4.5
-
32
40
48
ns
CL = 15pF
5
13
-
-
-
ns
CL = 50pF
6
-
27
34
41
ns
Prerequisite For Switching Specifications
(Continued)
PARAMETER
SYMBOL
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
MAX
MIN
MAX
MIN
MAX
CD54HC166, CD74HC166, CD54HCT166, CD74HCT166



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com