Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74HC367M Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC367M
Description  High-Speed CMOS Logic Hex Buffer/Line Driver, Three-State Non-Inverting and Inverting
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC367M Datasheet(HTML) 1 Page - Texas Instruments

  CD74HC367M Datasheet HTML 1Page - Texas Instruments CD74HC367M Datasheet HTML 2Page - Texas Instruments CD74HC367M Datasheet HTML 3Page - Texas Instruments CD74HC367M Datasheet HTML 4Page - Texas Instruments CD74HC367M Datasheet HTML 5Page - Texas Instruments CD74HC367M Datasheet HTML 6Page - Texas Instruments CD74HC367M Datasheet HTML 7Page - Texas Instruments CD74HC367M Datasheet HTML 8Page - Texas Instruments CD74HC367M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS181D
Features
• Buffered Inputs
• High Current Bus Driver Outputs
• Two Independent Three-State Enable Controls
• Typical Propagation Delay tPLH,tPHL = 8ns at VCC =5V,
CL = 15pF, TA = 25
oC
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The ’HC367, ’HCT367, ’HC368, and CD74HCT368 silicon gate
CMOS three-state buffers are general purpose high-speed
non-inverting and inverting buffers. They have high drive cur-
rent outputs which enable high speed operation even when
driving large bus capacitances. These circuits possess the low
power dissipation of CMOS circuitry, yet have speeds compara-
ble to low power Schottky TTL circuits. Both circuits are capable
of driving up to 15 low power Schottky inputs.
The ’HC367 and ’HCT367 are non-inverting buffers, whereas
the ’HC368 and CD74HCT368 are inverting buffers. These
devices have two output enables, one enable (OE1) controls 4
gates and the other (OE2) controls the remaining 2 gates.
The ’HCT367 and CD74HCT368 logic families are speed, func-
tion and pin compatible with the standard LS logic family.
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC367F3A
-55 to 125
16 Ld CERDIP
CD54HC368F3A
-55 to 125
16 Ld CERDIP
CD54HCT367F3A
-55 to 125
16 Ld CERDIP
CD74HC367E
-55 to 125
16 Ld PDIP
CD74HC367M
-55 to 125
16 Ld SOIC
CD74HC367MT
-55 to 125
16 Ld SOIC
CD74HC367M96
-55 to 125
16 Ld SOIC
CD74HC368E
-55 to 125
16 Ld PDIP
CD74HC368M
-55 to 125
16 Ld SOIC
CD74HC368MT
-55 to 125
16 Ld SOIC
CD74HC368M96
-55 to 125
16 Ld SOIC
CD74HCT367E
-55 to 125
16 Ld PDIP
CD74HCT367M
-55 to 125
16 Ld SOIC
CD74HCT367MT
-55 to 125
16 Ld SOIC
CD74HCT367M96
-55 to 125
16 Ld SOIC
CD74HCT368E
-55 to 125
16 Ld PDIP
CD74HCT368M
-55 to 125
16 Ld SOIC
CD74HCT368MT
-55 to 125
16 Ld SOIC
CD74HCT368M96
-55 to 125
16 Ld SOIC
NOTE: When ordering, use the entire part number. The suffix 96
denotes tape and reel. The suffix T denotes a small-quantity reel of
250.
November 1997 - Revised October 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD54/74HC367, CD54/74HCT367,
CD54/74HC368, CD74HCT368
High-Speed CMOS Logic Hex Buffer/Line Driver,
Three-State Non-Inverting and Inverting
[ /Title
(CD74
HC367
,
CD74
HCT36
7,
CD74
HC368
,
CD74
HCT36
8)
/Sub-
ject
(High
Speed


Similar Part No. - CD74HC367M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC367M TI-CD74HC367M Datasheet
48Kb / 8P
High Speed CMOS Logic Hex Buffer/Line Driver, Three-State Non-Inverting and Inverting
CD74HC367M TI-CD74HC367M Datasheet
270Kb / 11P
High-Speed CMOS Logic Hex Buffer/Line Driver, Three-State Non-Inverting and Inverting
CD74HC367M TI-CD74HC367M Datasheet
430Kb / 16P
High-Speed CMOS Logic Hex Buffer/Line Driver,Three-State Non-Inverting and Inverting
CD74HC367M TI-CD74HC367M Datasheet
460Kb / 16P
High-Speed CMOS Logic Hex Buffer/Line Driver, Three-State Non-Inverting and Inverting
CD74HC367M TI2-CD74HC367M Datasheet
966Kb / 20P
CDx4HC367, CDx4HC368, CDx4HCT367, CD74HCT368 High-Speed CMOS Logic Hex Buffer/Line Driver, Three-State Non-Inverting and Inverting
REVISED FEBRUARY 2022
More results

Similar Description - CD74HC367M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC365 TI-CD74HC365 Datasheet
48Kb / 8P
High Speed CMOS Logic Hex Buffer/Line Driver, Three-State Non-Inverting and Inverting
CD74HC367 TI-CD74HC367 Datasheet
48Kb / 8P
High Speed CMOS Logic Hex Buffer/Line Driver, Three-State Non-Inverting and Inverting
CD54HCT367 TI-CD54HCT367 Datasheet
270Kb / 11P
High-Speed CMOS Logic Hex Buffer/Line Driver, Three-State Non-Inverting and Inverting
CD74HC366 TI-CD74HC366 Datasheet
283Kb / 13P
High Speed CMOS Logic Hex Buffer/Line Driver, Three-State Non-Inverting and Inverting
CD54HC365 TI-CD54HC365 Datasheet
428Kb / 15P
High Speed CMOS Logic Hex Buffer/Line Driver Three-State Non-Inverting and Inverting
CD54HC4049 TI-CD54HC4049_07 Datasheet
261Kb / 10P
High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
CD54HC367 TI-CD54HC367_07 Datasheet
430Kb / 16P
High-Speed CMOS Logic Hex Buffer/Line Driver,Three-State Non-Inverting and Inverting
CD54HC367 TI-CD54HC367_08 Datasheet
460Kb / 16P
High-Speed CMOS Logic Hex Buffer/Line Driver, Three-State Non-Inverting and Inverting
CD54HC365 TI-CD54HC365_08 Datasheet
569Kb / 16P
High Speed CMOS Logic Hex Buffer/Line Driver, Three-State Non-Inverting and Inverting
CD74HC366-Q1 TI1-CD74HC366-Q1 Datasheet
549Kb / 12P
HIGH-SPEED CMOS LOGIC HEX BUFFER/LINE DRIVER, THREE-STATE NON-INVERTING AND INVERTING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com