Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMB02070D3JB7 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # MMB02070D3JB7
Description  Professional Thin Film MELF Resistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MMB02070D3JB7 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button MMB02070D3JB7 Datasheet HTML 5Page - Vishay Siliconix MMB02070D3JB7 Datasheet HTML 6Page - Vishay Siliconix MMB02070D3JB7 Datasheet HTML 7Page - Vishay Siliconix MMB02070D3JB7 Datasheet HTML 8Page - Vishay Siliconix MMB02070D3JB7 Datasheet HTML 9Page - Vishay Siliconix MMB02070D3JB7 Datasheet HTML 10Page - Vishay Siliconix MMB02070D3JB7 Datasheet HTML 11Page - Vishay Siliconix MMB02070D3JB7 Datasheet HTML 12Page - Vishay Siliconix MMB02070D3JB7 Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
MMU 0102, MMA 0204, MMB 0207 - Professional
www.vishay.com
Vishay Beyschlag
Revision: 20-Jan-2026
10
Document Number: 28713
For technical questions, contact: melf@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
10.1
14 (Na)
Rapid change
of temperature
30 min at LCT;
30 min at UCT;
LCT = - 55 °C;
UCT = 125 °C
5 cycles
± (0.05 %
R + 10 mΩ)
± (0.1 %
R
+ 10 m
Ω)
1000 cycles
± (0.15 %
R + 10 mΩ)
± (0.25 %
R
+ 10 m
Ω)
LCT = - 55 °C;
UCT = 155 °C
1000 cycles
± (0.25 %
R + 10 mΩ)
± (0.5 %
R
+ 10 m
Ω)
8.1
-
Short time
overload:
Standard
operation
mode
U = 2.5 x
or
U = 2 × Umax.;
whichever is the less severe;
5 s
± (0.03 %
R + 5 mΩ)
± (0.15 %
R
+ 5 m
Ω)
Short time
overload:
Power
operation
mode
± (0.05 %
R + 5 mΩ)
± (0.15 %
R
+ 5 m
Ω)
8.2
-
Single pulse
high voltage
overload:
Standard
operation
mode
Severity no. 4:
U = 10 x
or
U = 2 x Umax.;
whichever is the less severe;
10 pulses 10 μs/700 μs
± (0.25 %
R + 5 mΩ)
Single pulse
high voltage
overload:
Power
operation
mode
± (0.5 %
R + 5 mΩ)
8.4
-
Periodic
electric
overload:
Standard
operation
mode
U =
or
U = 2 x Umax.;
whichever is the less severe;
0.1 s on; 2.5 s off;
1000 cycles
± (0.5 %
R + 5 mΩ)
Periodic
electric
overload:
Power
operation
mode
± (1 %
R + 5 mΩ)
9.11
6 (Fc)
Vibration
Endurance by sweeping;
10 Hz to 2000 Hz;
no resonance; amplitude
≤ 1.5 mm or ≤ 200 m/s2; 7.5 h
± (0.05 %
R + 5 mΩ)
± (0.1 %
R
+ 5 m
Ω)
TEST PROCEDURES AND REQUIREMENTS
EN
60115-1
CLAUSE
IEC
60068-2 (1)
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE (
ΔR)
Stability for product types:
STABILITY
CLASS 0.25
OR BETTER
STABILITY
CLASS 0.5
OR BETTER
STABILITY
CLASS 1
OR BETTER
STABILITY
CLASS 2
OR BETTER
MMU 0102
10
Ω to 221 kΩ
1
Ω to < 10 Ω
< 1
Ω
> 221 k
Ω
MMA 0204
10
Ω to 332 kΩ
1
Ω to < 10 Ω
< 1
Ω
> 332 k
Ω
MMB 0207
10
Ω to 1 MΩ
1
Ω to < 10 Ω
< 1
Ω
> 1 M
Ω
P
70 x R
P
70 x R
15 x P
70 x R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com