Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

42005 Datasheet(PDF) 1 Page - APEM

Part # 42005
Description  CONTROL KNOBS, MACHINED ALUMINUM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

42005 Datasheet(HTML) 1 Page - APEM

  42005 Datasheet HTML 1Page - APEM 42005 Datasheet HTML 2Page - APEM 42005 Datasheet HTML 3Page - APEM 42005 Datasheet HTML 4Page - APEM 42005 Datasheet HTML 5Page - APEM 42005 Datasheet HTML 6Page - APEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
U
U1
APEM, 63 Neck Road, HAVERHILL, MA USA 01835-0788 TOLL FREE: (877) 246-7890 FAX: (978) 372-3534 E-mail: info@apem.com
FEATURES
Anodized natural or black gloss finish.
Anti-static plastic insert. (on many models)
Positive retention #6-32 set screws.
Fits 1/8" dia. & 1/4" dia. shafts.
Functionally rugged.
Special designs available.
Notes: Dims. in inches & (millimeters).
Shaft size is last 3 digits of Model No.
42003 SERIES
Diamond knurl plastic insert and line indicator on side
CONTROL KNOBS,
MACHINED ALUMINUM
MODEL (Color-natural)
MODEL (Color-black)
A
B
C
D
E
F
G
420031A1/8*
420031B1/8*
.500 (12.7)
.402 (10.2)
.380 (9.7)
.402 (10.2)
.634 (16.1)
.516 (13.1)
.469 (11.9)
420031A1/4*
420031B1/4*
.500 (12.7)
.402 (10.2)
.380 (9.7)
.402 (10.2)
.634 (16.1)
.516 (13.1)
.469 (11.9)
420033A1/4*
420033B1/4*
.748 (19.0)
.681 (17.3)
.591 (15.0)
.681 (17.3)
.634 (16.1)
.516 (13.1)
.469 (11.9)
420035A1/4*
420035B1/4*
.940 (23.9)
.870 (22.1)
.709 (18.0)
.870 (22.1)
.634 (16.1)
.516 (13.1)
.469 (11.9)
420037A1/4*
420037B1/4*
1.252 (31.8)
1.170 (29.6)
.980 (24.9)
1.170 (29.6)
.748 (19.0)
.630 (16.0)
.591 (15.0)
MODEL (Color-natural)
MODEL (Color-black)
ABC
D
E
F
G
420011A1/8*
420011B1/8*
.500 (12.7)
.430 (10.9)
.380 (9.7)
.430 (10.9)
.630 (16.0)
.512 (13.0)
.430 (10.9)
420011A1/4*
420011B1/4*
.500 (12.7)
.430 (10.9)
.380 (9.7)
.430 (10.9)
.630 (16.0)
.512 (13.0)
.430 (10.9)
420013A1/4
420013B1/4
.748 (19.0)
.638 (16.2)
.591 (15.0)
.661 (16.8)
.630 (16.0)
.512 (13.0)
.429 (10.9)
420015A1/4
420015B1/4
.941 (23.9)
.819 (20.8)
.709 (18.0)
.819 (20.8)
.630 (16.0)
.512 (13.0)
.429 (10.9)
42001 SERIES
Fluted with plastic insert and line indicator on side
41005 SERIES
Smooth finish with knurled black plastic insert and black indicator line on top
MATERIALS
Knob:
Machined aluminium (with plastic insert, where indicated).
Threaded Insert:
Brass.
Setscrew:
Heat treated high alloy steel with cup point and hex head,
or slotted head. Note: 1 or 2 supplied, depending on model.
MODEL (Color natural)
A
B
C
410051A1/8
.630 (16.0)
.512 (13.0)
.590 (15.0)
410051A1/4
.630 (16.0)
.512 (13.0)
.590 (15.0)
410053A1/8
.874 (22.2)
.472 (12.0)
.531 (13.5)
410053A1/4
.874 (22.2)
.646 (16.4)
.690 (17.5)
410055A1/4
1.260 (32.0)
.472 (12.0)
.551 (14.0)
Note: Knob color is natural only for this Series.
* indicates solid
aluminum knob
* indicates solid
aluminum knob
Note: 420031A1/8 & 420031A1/4 have only one set screw.


Similar Part No. - 42005

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
42005-P921A MOLEX1-42005-P921A Datasheet
374Kb / 4P
6.35mm (.250) Pitch MLX??Power Connector Header
logo
List of Unclassifed Man...
420051A14 ETC2-420051A14 Datasheet
325Kb / 6P
CONTROL KNOBS, MACHINED ALUMINUM
420051A18 ETC2-420051A18 Datasheet
325Kb / 6P
CONTROL KNOBS, MACHINED ALUMINUM
420053A14 ETC2-420053A14 Datasheet
325Kb / 6P
CONTROL KNOBS, MACHINED ALUMINUM
420055A14 ETC2-420055A14 Datasheet
325Kb / 6P
CONTROL KNOBS, MACHINED ALUMINUM
More results

Similar Description - 42005

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
KLNS500A1 MACOM-KLNS500A1 Datasheet
242Kb / 4P
Knobs, Machined Aluminum
logo
List of Unclassifed Man...
45KN030 ETC1-45KN030 Datasheet
122Kb / 1P
Aluminum Knobs
450-1425 ETC2-450-1425 Datasheet
125Kb / 1P
Instrument Control Knobs
450-2034-GRX ETC2-450-2034-GRX Datasheet
87Kb / 2P
Control Knobs
450-2518 ETC2-450-2518 Datasheet
90Kb / 1P
Instrument Control Knobs
450-3050 ETC2-450-3050 Datasheet
190Kb / 1P
Slide Control Knobs
450-3618 ETC2-450-3618 Datasheet
132Kb / 1P
Instrument Control Knobs
450-4660 ETC2-450-4660 Datasheet
80Kb / 1P
Instrument Control Knobs
450-6015 ETC2-450-6015 Datasheet
122Kb / 1P
Brushed Aluminum Knobs
KB700B14AL ETC2-KB700B14AL Datasheet
325Kb / 6P
CONTROL KNOBS, MACHINED ALUMINUM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com