Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74HC367MT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC367MT
Description  High-Speed CMOS Logic Hex Buffer/Line Driver, Three-State Non-Inverting and Inverting
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC367MT Datasheet(HTML) 2 Page - Texas Instruments

  CD74HC367MT Datasheet HTML 1Page - Texas Instruments CD74HC367MT Datasheet HTML 2Page - Texas Instruments CD74HC367MT Datasheet HTML 3Page - Texas Instruments CD74HC367MT Datasheet HTML 4Page - Texas Instruments CD74HC367MT Datasheet HTML 5Page - Texas Instruments CD74HC367MT Datasheet HTML 6Page - Texas Instruments CD74HC367MT Datasheet HTML 7Page - Texas Instruments CD74HC367MT Datasheet HTML 8Page - Texas Instruments CD74HC367MT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
Functional Diagrams
TRUTH TABLE
Pinouts
CD54HC367, CD54HCT367
(CERDIP)
CD74HC367, CD74HCT367
(PDIP, SOIC)
TOP VIEW
CD54HC368
(CERDIP)
CD74HC368, CD74HCT368
(PDIP, SOIC)
TOP VIEW
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
OE1
1A
1Y
2A
2Y
3A
GND
3Y
VCC
6A
6Y
5A
5Y
4A
4Y
OE2
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
OE1
1A
1Y
2A
2Y
3A
GND
3Y
VCC
6A
6Y
5A
5Y
4A
4Y
OE2
HC367, HCT367
HC368, CD74HCT368
INPUTS
OUTPUTS
(Y)
OE
A
HC/HCT367
HC/HCT368
LLL
H
LH
HL
H
X
(Z)
(Z)
H = High Voltage Level
L = Low Voltage Level
X = Don’t Care
Z = High Impedance (OFF) State
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
OE1
1A
1Y
2A
2Y
3A
GND
3Y
VCC
6A
6Y
5A
5Y
4A
4Y
OE2
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
OE1
1A
1Y
2A
2Y
3A
GND
3Y
VCC
6A
6Y
5A
5Y
4A
4Y
OE2
CD54/74HC367, CD54/74HCT367, CD54/74HC368, CD74HCT368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com